Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XZ1004-QT-0G0T Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # XZ1004-QT-0G0T
Description  MoCA Compliant Front-End GaAs IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XZ1004-QT-0G0T Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  XZ1004-QT-0G0T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XZ1004-QT-0G0T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XZ1004-QT-0G0T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XZ1004-QT-0G0T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XZ1004-QT-0G0T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XZ1004-QT-0G0T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XZ1004-QT-0G0T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XZ1004-QT-0G0T Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XZ1004-QT-0G0T Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Front End GaAs IC
475 - 625 MHz
Rev. V3
XZ1004-QT
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Component Values
Component
Value
Package
R2, R4, R9
3.3 Ω
0402
R5
100 Ω
0402
R6
0 Ω
0402
R7
2 kΩ
0402
R8
5.6 Ω
0402
R10
100 kΩ
0603
L1
68 nH
0603
L2
8.2 nH
0402
C1 - C4, C6,
C7, C9, C13
100 pF
0402
C5, C12, C14
0.1 µF
0402
C8
470 pF
0402
C11
33 pF
0402
Evaluation Board Schematic
Evaluation Board Layout
C11
C8
C3
R5
R6
RXOUT
Vdet
C9
R7
R8
C7
VD3
50 Ω TL
50 Ω TL
C6
L2
L1
C4
C5
R4
C14
R9
C12
R2
C13
C2
VD2
Vbias_adj
PWR_SHTDWN
TX_ATT
TXIN
C1
RX_ATT
TX_RX
CAL
I_O
VD1
1
R10


Similar Part No. - XZ1004-QT-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XZ1003-QT MIMIX-XZ1003-QT Datasheet
1Mb / 1P
   Hi-RF Front End IC
logo
M/A-COM Technology Solu...
XZ1003-QT MA-COM-XZ1003-QT Datasheet
102Kb / 1P
   Front End GaAs IC 775-1525 MHz Integrated PA Bias Control
XZ1003-QT-0G0T MA-COM-XZ1003-QT-0G0T Datasheet
1Mb / 13P
   MoCA Compliant Front-End GaAs IC
XZ1003-QT-EV1 MA-COM-XZ1003-QT-EV1 Datasheet
1Mb / 13P
   MoCA Compliant Front-End GaAs IC
XZ1003-QT MA-COM-XZ1003-QT_15 Datasheet
1Mb / 13P
   MoCA Compliant Front-End GaAs IC
More results

Similar Description - XZ1004-QT-0G0T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XZ1003-QT MA-COM-XZ1003-QT_15 Datasheet
1Mb / 13P
   MoCA Compliant Front-End GaAs IC
logo
List of Unclassifed Man...
U7001BG ETC1-U7001BG Datasheet
179Kb / 11P
   CT2 Front End IC
logo
Toshiba Semiconductor
TA8168SN TOSHIBA-TA8168SN Datasheet
301Kb / 9P
   FM FRONT END IC
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
   GPS Front-end IC
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
   GPS FRONT-END IC
logo
Toshiba Semiconductor
TA8158F TOSHIBA-TA8158F Datasheet
235Kb / 8P
   FM FRONT END IC
logo
ATMEL Corporation
ATR0603 ATMEL-ATR0603 Datasheet
453Kb / 14P
   GPS Front-end IC
logo
Rohm
BA4413 ROHM-BA4413 Datasheet
204Kb / 7P
   FM Front End IC
logo
Toshiba Semiconductor
TA7378P TOSHIBA-TA7378P Datasheet
583Kb / 8P
   FM FRONT END IC
logo
STMicroelectronics
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
   GPS RF FRONT-END IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com