Electronic Components Datasheet Search |
|
1040466 Datasheet(PDF) 2 Page - SICK AG |
|
1040466 Datasheet(HTML) 2 Page - SICK AG |
2 / 7 page A B C D E F H I J K L M N O P Q R S T DT500-A511 | Dx500 LONG RANGE DISTANCE SENSORS Ordering information Type Part no. DT500-A511 1040466 Other models and accessories www.sick.com/Dx500 Detailed technical data Performance Measuring range 0.2 m ... 70 m, 90 % remission 1) 2) 0.2 m ... 30 m, 6 % remission 1) 2) Resolution 12 bit Repeatability 1 mm 3) 4) Accuracy ± 3 mm 3) Output time 150 ms ... 6,000 ms Light source Laser, red 5) Laser class 2 (EN 60825/21 CFR 1.040) Typ. light spot size (distance) 10 mm (at 7 m) 45 mm (at 30 m) 100 mm (at 70 m) 1) In ambient light, max. 1 klx of constant light. 2) Unique up to 150 m. 3) 6 % ... 90 % remission. 4) Statistical error 1 σ. 5) Average service life of 50,000 h at TA = +25 °C. Interfaces Analog output 0 mA ... 20 mA / 4 mA ... 20 mA (VS-2 V / 0.0205 A) 1) Multifunctional input (MF) > 12 V 2) Laser-off input > 12 V Data interface QA 1) Max. load = Uv - 2 V / 0,0205 A. 2) Refer to function MF input. Mechanics/electronics Supply voltage Vs DC 10 V ... 30 V, reverse polarity protected UV ≥ DC 24 V for devices with heating Ripple 5 Vpp 1) Power consumption Typ. 3 W 1) May not fall short of or exceed VS tolerances. 2 DISTANCE SENSORS | SICK Online data sheet | 2016-05-02 22:08:07 Subject to change without notice |
Similar Part No. - 1040466 |
|
Similar Description - 1040466 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |