Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24380 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ24380
Description  Overvoltage and Overcurrent Protection IC nd Li Charger Front-End Protection IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24380 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24380_15 Datasheet HTML 2Page - Texas Instruments BQ24380_15 Datasheet HTML 3Page - Texas Instruments BQ24380_15 Datasheet HTML 4Page - Texas Instruments BQ24380_15 Datasheet HTML 5Page - Texas Instruments BQ24380_15 Datasheet HTML 6Page - Texas Instruments BQ24380_15 Datasheet HTML 7Page - Texas Instruments BQ24380_15 Datasheet HTML 8Page - Texas Instruments BQ24380_15 Datasheet HTML 9Page - Texas Instruments BQ24380_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
t
CHK(SC)
t
SStart
t
SStop
t
REC(SC)
t
SStart
t
DGL(BVOVP)
t
PD(OVP)
t
DGL(PGOOD)
t
REC(OVP)
5
4
2
4
6
7
2
2
1
3
Input
Voltage
Output
Voltage
CE
UVLO
FAULT
Output
Current
Battery
Voltage
V
OVP
V
OVP
hys(OVP)
-V
V
O(REG)
V
O(REG)
I
O(SC)
BV
BV
-V
(OVP)
(OVP)
hys(BVOVP)
bq24380, bq24381, bq24382
SLUS805C – APRIL 2008 – REVISED AUGUST 2015
www.ti.com
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
IN
CE = LO or HI. Time measured from
Deglitch time, input power detected
tDGL(PGOOD)
8
ms
status
VIN 0 V → 5 V 1-μs rise-time
INPUT OVERVOLTAGE PROTECTION
tPD(OVP)
(1)
Input OV propagation delay
VIN: 5 V → 10 V
200
ns
CE = LO. Time measured from
Recovery time from input overvoltage
tREC(OVP)
8
ms
condition
V IN: 7 V → 5 V, 1-μs fall-time
BATTERY OVERVOLTAGE PROTECTION
VIN > 4.5 V, CE = LO, Time measured
Deglitch time, battery overvoltage
tDGL(BVovp)
from VVSAT rising from 4.1 V to 4.4 V
176
μs
detected
to FAULT going low.
(1)
Not tested. Specified by design
1.
Short-circuit during start-up
2.
Normal start-up condition
3.
Battery overvoltage event
4.
VUVLO < VIN < V(OREG) – VOUT tracks VIN
5.
Input overvoltage event
6.
Input below UVLO
7.
High-current event during normal operation
Figure 1. Timing Diagram
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: bq24380 bq24381 bq24382


Similar Part No. - BQ24380_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24380DSGR TI-BQ24380DSGR Datasheet
786Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24380DSGR TI-BQ24380DSGR Datasheet
804Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24380DSGRG4 TI-BQ24380DSGRG4 Datasheet
804Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24380DSGT TI-BQ24380DSGT Datasheet
786Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24380DSGT TI-BQ24380DSGT Datasheet
804Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
More results

Similar Description - BQ24380_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com