Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ50002RHBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ50002RHBR
Description  Low-Cost 5-V Wireless Power Transmitter Analog Front
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ50002RHBR Datasheet(HTML) 5 Page - Texas Instruments

  BQ50002RHBR Datasheet HTML 1Page - Texas Instruments BQ50002RHBR Datasheet HTML 2Page - Texas Instruments BQ50002RHBR Datasheet HTML 3Page - Texas Instruments BQ50002RHBR Datasheet HTML 4Page - Texas Instruments BQ50002RHBR Datasheet HTML 5Page - Texas Instruments BQ50002RHBR Datasheet HTML 6Page - Texas Instruments BQ50002RHBR Datasheet HTML 7Page - Texas Instruments BQ50002RHBR Datasheet HTML 8Page - Texas Instruments BQ50002RHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
bq50002
www.ti.com
SLUSBW1A – OCTOBER 2015 – REVISED OCTOBER 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
PVIN1, PVIN2
–0.3
7
V
BOOT1 (2)
–0.3
14
V
VBOOT1 – VSW1
–0.3
7
V
BOOT2 (2)
–0.3
14
V
VBOOT2 – VSW2
–0.3
7
V
PWM1, PWM2, EN, CLK_OUT, MODE,
–0.3
3.6
V
PWM_CTRL
DMIN1
–5
7
V
DMIN2
–0.3
7
V
CSN, CSP
–0.3
7
V
CSN to CSP
-0.5
0.5
V
Operating junction temperature, TJ
–40
125
°C
Storage temperature, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
In normal use, BOOT1, BOOT2 voltage internally regulated.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±1000
V
V(ESD)
Electrostatic discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101
±500
V
(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
PVIN1, PVIN2
4.5
5
5.5
V
PWM1, PWM2, EN, CLK_OUT, MODE, PWM_CTRL
0
3
3.3
V
DMIN1
–0.3
5
V
DMIN2
–0.3
5
V
CBP3
BP3 ceramic capacitor
2.2
µF
CPVIN1,
PVIN1, PVIN2 ceramic capacitor
0.1
µF
CPVIN2
CPVIN1,
PVIN1, PVIN2 electrolytic capacitor
22
µF
CPVIN2
CBOOT1,
SW1-BOOT1, SW2-BOOT2 capacitor
0.1
µF
CBOOT2
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq50002


Similar Part No. - BQ50002RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ50002A TI1-BQ50002A Datasheet
3Mb / 27P
[Old version datasheet]   Low-Cost 5-V Wireless Power Transmitter Analog Front
BQ50002ARHBR TI1-BQ50002ARHBR Datasheet
3Mb / 27P
[Old version datasheet]   Low-Cost 5-V Wireless Power Transmitter Analog Front
BQ50002ARHBT TI1-BQ50002ARHBT Datasheet
3Mb / 27P
[Old version datasheet]   Low-Cost 5-V Wireless Power Transmitter Analog Front
More results

Similar Description - BQ50002RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ50002A TI1-BQ50002A Datasheet
3Mb / 27P
[Old version datasheet]   Low-Cost 5-V Wireless Power Transmitter Analog Front
BQ500511A TI1-BQ500511A Datasheet
139Kb / 7P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
BQ500511 TI1-BQ500511 Datasheet
1Mb / 30P
[Old version datasheet]   Low Cost 5-V Wireless Power Transmitter Controller
BQ500211A TI-BQ500211A Datasheet
1,010Kb / 27P
[Old version datasheet]   5-V, WPC1.1 Compliant Wireless Power Transmitter Manager
BQ500211 TI1-BQ500211 Datasheet
778Kb / 26P
[Old version datasheet]   5-V, Qi Compliant Wireless Power Transmitter Manager
logo
Analog Devices
AD74322 AD-AD74322 Datasheet
123Kb / 20P
   Low Cost, Low Power Stereo Audio Analog Front End
REV. Pr D 03/00
logo
NXP Semiconductors
NXQ1TXL5 NXP-NXQ1TXL5 Datasheet
166Kb / 17P
   Low-cost one-chip 5 V Qi compliant transmitter
Rev. 1-8 April 2016
logo
Analog Devices
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
logo
NXP Semiconductors
NXQ1TXA5_SDS PHILIPS-NXQ1TXA5_SDS Datasheet
143Kb / 15P
   One-chip 5 V Qi wireless transmitter
Rev.1.2-10 September 2015
NXQ1TXA5 NXP-NXQ1TXA5 Datasheet
143Kb / 15P
   One-chip 5 V Qi wireless transmitter
Rev.1.2-10 September 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com