Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3632A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3632A
Description  Single-Chip Backlight With Bias Power and 1.5-A Flash LED Driver
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3632A Datasheet(HTML) 1 Page - Texas Instruments

  LM3632A Datasheet HTML 1Page - Texas Instruments LM3632A Datasheet HTML 2Page - Texas Instruments LM3632A Datasheet HTML 3Page - Texas Instruments LM3632A Datasheet HTML 4Page - Texas Instruments LM3632A Datasheet HTML 5Page - Texas Instruments LM3632A Datasheet HTML 6Page - Texas Instruments LM3632A Datasheet HTML 7Page - Texas Instruments LM3632A Datasheet HTML 8Page - Texas Instruments LM3632A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
VIN
EN
LM3632
SCL
SDA
C1
C2
VNEG
VPOS
BLED1
BLED2
FLED
BL_OUT
FL_OUT
LCM_OUT
FL_SW
BL_SW
LCM_SW
TX
PWM
LCM_EN1
LCM_EN2
AGND
FL_GND LCM_GND
BL_GND CP_GND
STROBE
FL_OUT
FLED
CFL_OUT
CFLY
LBL
CIN
VBATT
Up to 8 LEDs / String
CBL_OUT
CLCM
CVPOS
CVNEG
FL_SW
LFL
LLCM
D1
Load (mA)
0
5
10
15
20
25
30
35
40
45
50
50
55
60
65
70
75
80
85
90
95
D007
VIN = 2.7 V
VIN = 3.7 V
VIN = 5 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3632A
SNVSA63A – APRIL 2015 – REVISED SEPTEMBER 2015
LM3632A Single-Chip Backlight With Bias Power and 1.5-A Flash LED Driver
1 Features
3 Description
The LM3632A integrates the WLED drivers for both
1
Drives up to Two Strings of Typically Eight LEDs
the backlight of the LCD panel and the camera flash
in Series
along with the bias power for the LCD panel into one
Integrated Backlight Boost with 29-V Maximum
device. The device has all the safety features
Output Voltage
required in LED drivers with up to 90% efficiency and
bias positive/negative power rails achieving 1.5%
Two Low-Side Constant-Current LED Drivers
accuracy. Capable of driving up to 16 backlight LEDs,
with 25-mA Maximum Output Current
the device is ideal for small- to medium-size displays.
Backlight Efficiency Up to 90%
A 1.5-A constant-current LED driver powered by a
11-Bit Exponential or Linear Dimming
synchronous boost converter can be used for flash
applications. The high-side flash current source
External PWM Input for CABC Backlight
allows for grounded cathode LED operation.
Operation
LCD Bias Efficiency > 85%
A high level of integration and programmability allows
the LM3632A to address a variety of applications
Programmable Positive LCD bias, 4-V to 6-V, 50-
without the need for hardware changes.
mA Maximum Output Current
Programmable Negative LCD bias, –4-V to –6-V,
Device Information(1)
50-mA Maximum Output Current
PART NUMBER
PACKAGE
BODY SIZE (MAX)
1.5-A Flash LED Boost
LM3632A
DSBGA (30)
2.47 mm x 2.07 mm
Flash Efficiency > 85%
(1) For all available packages, see the orderable addendum at
2.7-V to 5-V Input Voltage Range
the end of the data sheet.
space
2 Applications
space
Smart Phone LCD Backlighting and Bias
space
Small Tablet LCD Backlighting and Bias
space
Simplified Schematic
Backlight Efficiency, 2P7S
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3632A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM363 NSC-LM363 Datasheet
452Kb / 22P
   LM363 Precision Instrumentation Amplifier
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI-LM3630ATME Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI1-LM3630ATME Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630ATMX TI-LM3630ATMX Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
More results

Similar Description - LM3632A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3639A TI-LM3639A Datasheet
518Kb / 28P
[Old version datasheet]   Single Chip 40V Backlight 1.5A Flash LED Driver
logo
Analog Devices
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
logo
Texas Instruments
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Kinetic Technologies.
KTZ8863A KINETIC-KTZ8863A Datasheet
155Kb / 2P
   High Efficiency 3-CH LED Backlight Driver with Dual LCD Bias Power
October 2020 - Revision 04b
KTZ8866 KINETIC-KTZ8866 Datasheet
1Mb / 37P
   High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
January 2022 - Revision 04b
KTZ8864A KINETIC-KTZ8864A Datasheet
1Mb / 37P
   High Efficiency 4-CH LED Backlight Driver with Dual LCD Bias Power
November 2021 - Revision 04b
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com