Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ23608TZ Datasheet(PDF) 2 Page - Texas Instruments

Part # LMZ23608TZ
Description  8A SIMPLE SWITCHER Power Module
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ23608TZ Datasheet(HTML) 2 Page - Texas Instruments

  LMZ23608TZ Datasheet HTML 1Page - Texas Instruments LMZ23608TZ Datasheet HTML 2Page - Texas Instruments LMZ23608TZ Datasheet HTML 3Page - Texas Instruments LMZ23608TZ Datasheet HTML 4Page - Texas Instruments LMZ23608TZ Datasheet HTML 5Page - Texas Instruments LMZ23608TZ Datasheet HTML 6Page - Texas Instruments LMZ23608TZ Datasheet HTML 7Page - Texas Instruments LMZ23608TZ Datasheet HTML 8Page - Texas Instruments LMZ23608TZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LMZ23608
SNVS708G – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 18
8.1
Application Information............................................ 18
2
Applications ........................................................... 1
8.2
Typical Application ................................................. 18
3
Description ............................................................. 1
9
Power Supply Recommendations ...................... 24
4
Revision History..................................................... 2
10
Layout................................................................... 24
5
Pin Configuration and Functions ......................... 3
10.1
Layout Guidelines ................................................. 24
6
Specifications......................................................... 4
10.2
Layout Examples................................................... 25
6.1
Absolute Maximum Ratings ...................................... 4
10.3
Power Dissipation and Thermal Considerations ... 26
6.2
ESD Ratings.............................................................. 4
10.4
Power Module SMT Guidelines ............................ 27
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 29
6.4
Thermal Information .................................................. 4
11.1
Device Support...................................................... 29
6.5
Electrical Characteristics........................................... 5
11.2
Documentation Support ........................................ 29
6.6
Typical Characteristics ............................................. 6
11.3
Community Resources.......................................... 29
7
Detailed Description ............................................ 14
11.4
Trademarks ........................................................... 29
7.1
Overview ................................................................. 14
11.5
Electrostatic Discharge Caution ............................ 29
7.2
Functional Block Diagram ....................................... 14
11.6
Glossary ................................................................ 29
7.3
Feature Description................................................. 14
12
Mechanical, Packaging, and Orderable
7.4
Device Functional Modes........................................ 17
Information ........................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (October 2013) to Revision G
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Deleted Easy-to-Use PFM 7-Pin Package image .................................................................................................................. 1
Changes from Revision E (March 2013) to Revision F
Page
Deleted 12 mils ....................................................................................................................................................................... 4
Changed 12 mils................................................................................................................................................................... 24
Changed 12 mils................................................................................................................................................................... 26
Added Power Module SMT Guidelines................................................................................................................................. 27
2
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ23608


Similar Part No. - LMZ23608TZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ23608TZ TI1-LMZ23608TZ Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608TZE TI1-LMZ23608TZE Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
More results

Similar Description - LMZ23608TZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ22010 TI1-LMZ22010 Datasheet
1Mb / 36P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ22008 TI-LMZ22008_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LMZ20502 TI1-LMZ20502_16 Datasheet
1Mb / 37P
[Old version datasheet]   2A SIMPLE SWITCHER Nano Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com