Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ23608TZE Datasheet(PDF) 7 Page - Texas Instruments

Part # LMZ23608TZE
Description  8A SIMPLE SWITCHER Power Module
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ23608TZE Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMZ23608TZE Datasheet HTML 3Page - Texas Instruments LMZ23608TZE Datasheet HTML 4Page - Texas Instruments LMZ23608TZE Datasheet HTML 5Page - Texas Instruments LMZ23608TZE Datasheet HTML 6Page - Texas Instruments LMZ23608TZE Datasheet HTML 7Page - Texas Instruments LMZ23608TZE Datasheet HTML 8Page - Texas Instruments LMZ23608TZE Datasheet HTML 9Page - Texas Instruments LMZ23608TZE Datasheet HTML 10Page - Texas Instruments LMZ23608TZE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
60
70
80
90
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36Vin
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
9
10
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36 Vin
0
1
2
3
4
5
6
7
8
10
20
30
40
50
60
70
80
90
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36Vin
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
9
10
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36 Vin
0
1
2
3
4
5
6
7
8
20
30
40
50
60
70
80
90
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36Vin
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
9
10
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36 Vin
LMZ23608
www.ti.com
SNVS708G – MARCH 2011 – REVISED AUGUST 2015
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 12 V; CIN = 3 x 10 μF + 47-nF X7R Ceramic; COUT = 2 x 330-
μF Specialty Polymer + 47-µF Ceramic + 47-nF Ceramic; CFF = 4.7 nF; TA = 25°C for waveforms. All indicated temperatures
are ambient.
Figure 7. Efficiency 1.8-V Output at 25°C
Figure 8. Dissipation 1.8-V Output at 25°C
Figure 9. Efficiency 1.5-V Output at 25°C
Figure 10. Dissipation 1.5-V Output at 25°C
Figure 11. Efficiency 1.2-V Output at 25°C
Figure 12. Dissipation 1.2-V Output at 25°C
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMZ23608


Similar Part No. - LMZ23608TZE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ23608TZE TI1-LMZ23608TZE Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
More results

Similar Description - LMZ23608TZE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ22010 TI1-LMZ22010 Datasheet
1Mb / 36P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ22008 TI-LMZ22008_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LMZ20502 TI1-LMZ20502_16 Datasheet
1Mb / 37P
[Old version datasheet]   2A SIMPLE SWITCHER Nano Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com