Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61000 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61000
Description  Single- and Dual-Cell Boost Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61000 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61000_15 Datasheet HTML 1Page - Texas Instruments TPS61000_15 Datasheet HTML 2Page - Texas Instruments TPS61000_15 Datasheet HTML 3Page - Texas Instruments TPS61000_15 Datasheet HTML 4Page - Texas Instruments TPS61000_15 Datasheet HTML 5Page - Texas Instruments TPS61000_15 Datasheet HTML 6Page - Texas Instruments TPS61000_15 Datasheet HTML 7Page - Texas Instruments TPS61000_15 Datasheet HTML 8Page - Texas Instruments TPS61000_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
2
0
2
4
6
8
10
12
3
14
16 18 20
1
0
VOUT
EN
IOUT
80
60
20
100
120
140
0
40
Time - ms
5
6
TPS61006
9
8
1
10
3
2
7
4
SW
VBAT
LBI
NC
EN
VOUT
LBO
FB
COMP
GND
Low Battery
Warning
R4
10 k
R3
ON
OFF
R2
R1
C
10 F
L1
i
D1
V = 3.3 V
C1
O
100 pF
C2
33 nF
C
22 F
33 µH
o
µ
µ
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS61000, TPS61001, TPS61002, TPS61003
TPS61004, TPS61005, TPS61006, TPS61007
SLVS279D – MARCH 2000 – REVISED AUGUST 2015
TPS6100x Single- and Dual-Cell Boost Converter With Start-up Into Full Load
1 Features
3 Description
The TPS6100x devices are boost converters intended
1
Start-Up Into a Full Load With Supply Voltages as
for systems that are typically operated from a single-
Low as 0.9 V Over Full Temperature Range
or
dual-cell
nickel-cadmium
(NiCd),
nickel-metal
Minimum 100-mA Output Current From 0.8-V
hydride (NiMH), or alkaline battery. The converter
Supply Voltage, 250 mA From 1.8 V
output voltage can be adjusted from 1.5 V to a
maximum of 3.3 V and provides a minimum output
High Power Conversion Efficiency, up to 90%
current of 100 mA from a single battery cell and 250
Power-Save Mode for Improved Efficiency at Low
mA from two battery cells. The converter starts up
Output Currents
into a full load with a supply voltage of 0.9 V and
Device Quiescent Current Less Than 50 µA
stays in operation with supply voltages as low as 0.8
Added System Security With Integrated Low-
V.
Battery Comparator
The converter is based on a fixed-frequency, current-
Low-EMI Converter (Integrated Antiringing Switch
mode pulse-width-modulation (PWM) controller that
Across Inductor)
goes into power-save mode at low load currents. The
current through the switch is limited to a maximum of
Micro-Size 10-Pin MSOP Package
1100 mA, depending on the output voltage. The
Evaluation Modules Available
current sense is integrated to further minimize
(TPS6100xEVM–156)
external component count. The converter can be
disabled to minimize battery drain when the system is
2 Applications
put into standby.
Single- and Dual-Cell Battery Operated Products
A
low-EMI
mode
is
implemented
to
reduce
interference and radiated electromagnetic energy that
MP3-Players and Wireless Headsets
is caused by the ringing of the inductor when the
Pagers and Cordless Phones
inductor discharge-current decreases to zero. The
Portable Medical Diagnostic Equipment
device is packaged in the space-saving 10-pin MSOP
Remote Controls
package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS6100x
VSSOP (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Circuit for Fixed Output
TPS61006 Start-Up Timing Into 33-
Ω Load
Voltage Options
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS61000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com