Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61054 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS61054
Description  High-Power White LED Driver 2-mHz Synchronous Boost Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61054 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61054_15 Datasheet HTML 2Page - Texas Instruments TPS61054_15 Datasheet HTML 3Page - Texas Instruments TPS61054_15 Datasheet HTML 4Page - Texas Instruments TPS61054_15 Datasheet HTML 5Page - Texas Instruments TPS61054_15 Datasheet HTML 6Page - Texas Instruments TPS61054_15 Datasheet HTML 7Page - Texas Instruments TPS61054_15 Datasheet HTML 8Page - Texas Instruments TPS61054_15 Datasheet HTML 9Page - Texas Instruments TPS61054_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TPS61054, TPS61055
SLUS760B – SEPTEMBER 2007 – REVISED SEPTEMBER 2015
www.ti.com
7.5 Electrical Characteristics
Unless otherwise noted the specification applies for VIN = 3.6 V over an operating junction temperature of –40°C ≤ TJ
125°C. Typical values are for TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Input voltage range
2.5
6
V
VIN
Minimum input voltage for start-up
MODE0 = 1, MODE1 = 1, RL = 10 Ω
2.5
V
IQ
Operating quiescent current into AVIN
MODE0 = 1, MODE1 = 1
8.5
mA
ISD
Shutdown current into AVIN
MODE0 = 0, MODE1 = 0, –40°C
≤ TJ ≤ 85°C
0.3
3
μA
VUVLO
Undervoltage lockout threshold
VIN falling
2.3
2.4
V
OUTPUT
Current regulator mode
VIN
5.5
VOUT
Output voltage range
V
Voltage regulator mode
5
OVP Output overvoltage protection
VOUT rising
5.7
6
6.25
V
OVP
Output overvoltage protection hysterisis
0.15
V
D
Minimum duty cycle
7.5%
0.25 V
≤ VLED ≤ 2.0 V, ILED = ITORCH, TJ = 50°C
–15%
15%
LED current accuracy(1)
0.25 V
≤ VLED ≤ 2.0 V, ILED = IFLASH, TJ = 50°C
–12%
12%
LED current temperature coefficient
0.08
%/°C
DC output voltage accuracy
2.5 V
≤ VIN ≤ 0.9 VOUT, PWM operation
–3%
3%
VLED
LED sense voltage
Boost Mode
250
mV
LED input leakage current
VLED = VOUT = 5 V, –40°C ≤ TJ ≤ 85°C
0.1
1
μA
POWER SWITCH
Switch MOSFET on-resistance
80
rDS(on)
VOUT = VGS = 3.6 V
m
Rectifier MOSFET on-resistance
80
Switch MOSFET leakage
0.1
1
Ilkg(SW)
VDS = 6.0 V, –40°C ≤ TJ ≤ 85°C
μA
Rectifier MOSFET leakage
0.1
1
2.5 V
≤ VIN ≤ 6.0 V, ILIM = 00
850
1000
1150
Ilim
Switch current limit
mA
1275
1500
1725
2.5 V
≤ VIN ≤ 6.0 V, ILIM = 01
(1)
Thermal shutdown(1)
140
160
°C
Thermal shutdown hysteresis(1)
20
°C
OSCILLATOR
fSW
Oscillator frequency
1.8
2.0
2.2
MHz
MODE0, MODE1, Tx-TOFF, FLASH_SYNC
V(IH)
High-level input voltage
1.2
V
V(IL)
Low-level input voltage
0.4
V
I(LKG)
Logic input leakage current
Input connected to VIN or GND, –40°C ≤ TJ ≤ 85°C
0.01
0.1
μA
Tx-TOFF pulldown resistance
Tx-TOFF
≤ 0.4 V
400
k
FLASH_SYNC pulldown resistance
FLASH_SYNC
≤ 0.4 V
400
k
TIMING
From shutdown into flash mode ILED = 700 mA
1.2
ms
Start-up time
From shutdown into voltage mode
650
μs
MODE0 = 1, MODE1 = 1, IOUT = 0 mA
LED current settling time(2) triggered by
MODE0 = 0, MODE1 = 1,
160
μs
rising edge on FLASH_SYNC
ILED = from 75mA to 700 mA
LED current settling time(2) triggered by
MODE0 = 0, MODE1 = 1,
20
μs
rising edge on Tx-TOFF
ILED = 700 mA to 75 mA
(1)
Assured by design. Not tested in production.
(2)
Settling time to ±15% of the target value
6
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: TPS61054 TPS61055


Similar Part No. - TPS61054_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61054DRC TI-TPS61054DRC Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054DRC TI-TPS61054DRC Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054DRCR TI-TPS61054DRCR Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054DRCT TI-TPS61054DRCT Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054YZG TI-TPS61054YZG Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
More results

Similar Description - TPS61054_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61054 TI-TPS61054 Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI-TPS61054_08 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
TPS61050 TI-TPS61050 Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
logo
Linear Technology
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
logo
Linear Technology
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
Richtek Technology Corp...
RT9278 RICHTEK-RT9278 Datasheet
205Kb / 13P
   High Efficiency Boost LDO Converter & High Power White LED Driver
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com