Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS24751RUVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24751RUVT
Description  12A eFuse Circuit Protector
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24751RUVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS24751RUVT Datasheet HTML 2Page - Texas Instruments TPS24751RUVT Datasheet HTML 3Page - Texas Instruments TPS24751RUVT Datasheet HTML 4Page - Texas Instruments TPS24751RUVT Datasheet HTML 5Page - Texas Instruments TPS24751RUVT Datasheet HTML 6Page - Texas Instruments TPS24751RUVT Datasheet HTML 7Page - Texas Instruments TPS24751RUVT Datasheet HTML 8Page - Texas Instruments TPS24751RUVT Datasheet HTML 9Page - Texas Instruments TPS24751RUVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
TPS24750, TPS24751
SLVSC87A – OCTOBER 2013 – REVISED SEPTEMBER 2015
www.ti.com
7.5 Electrical Characteristics
–40°C
≤ TJ ≤ 125°C, VCC = 12 V, VEN = 3 V, RSET = 191 Ω, RIMON = 5 kΩ, and RPROG = 50 kΩ to GND. All voltages referenced
to GND, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
VCC
UVLO threshold, rising
2.20
2.32
2.45
V
UVLO threshold, falling
2.10
2.22
2.35
V
UVLO hysteresis(1)
0.1
V
Enabled
― IOUT + IVCC + ISENSE
0.5
1
1.4
mA
Supply current
Disabled(1)
― EN = 0 V, IOUT + IVCC + ISENSE
0.45
mA
OUT
1 A
≤ IOUT ≤ 10 A at TJ = 25°C
3
3.5
m
Ω
RON On-resistance
1 A
≤ IOUT ≤ 10 A at TJ =125°C
5
6
m
Ω
Input bias current
VOUT = 12 V
10
16
30
µA
Diode Forward Voltage
VEN = 0V, IOUT = –100 mA, VOUT > VSENSE
0.8
1
V
VEN = 0V, VOUT = 0 V, VDRAIN = 18 V at 25°C
0
1
µA
Leakage Current - DRAIN to OUT
VEN = 0V, VOUT = 0 , VDRAIN = 18 V at 125°C
2
5
µA
Ciss Input Capacitance
2710
3250
pF
Coss Output Capacitance
VGS = 0V, VDRAIN-OUT = 15V, f = 1 MHz
635
762
pF
Crss Reverse Transfer Capacitance
48
60
pF
Qg Gate Charge Total (4.5V)
17.5
21.5
nC
VDRAIN-OUT = 15V, IOUT = 20 A
Qg(th) Gate Charge at Vth
4.1
nC
EN
Threshold voltage, falling
1.2
1.3
1.4
V
Hysteresis(1)
50
mV
Input leakage current
0 V
≤ VEN ≤ 30 V
–1
0
1
µA
Turnoff time
EN
↓ to VGATE < 1 V
3
8
25
µs
Deglitch time
EN
8
14
21
µs
Disable delay
EN
↓ to GATE ↓, CGATE = 0, tpff50–90, See Figure 28
0.1
0.4
1.8
µs
Turn-On Delay
COUT = 2.2 uF, VEN ↑ to VOUT ↑, VEN: 0 V to 3 V, VOUT : 90% VCC
800
µs
OV
Threshold voltage, rising
1.25
1.35
1.45
V
Hysteresis(1)
60
mV
Input leakage current
0 V
≤ VOV ≤ 30 V
–1
0
1
µA
Deglitch time
OV rising
0.5
1.2
1.5
µs
FLTb
Output low voltage
Sinking 2 mA
0.11
0.25
V
Input leakage current
VFLTb = 0 V, 30 V
–1
0
1
µA
PGb
Threshold
V(SENSE – OUT) rising, PGb going high
140
220
340
mV
Hysteresis(1)
Measured V(SENSE – OUT) falling, PGb going low
70
mV
Output low voltage
Sinking 2 mA
0.11
0.25
V
Input leakage current
VPGb = 0 V, 30 V
–1
0
1
µA
Delay (deglitch) time
Rising or falling edge
2
3.4
6
ms
PROG
Bias voltage
Sourcing 10 µA
0.65
0.675
0.7
V
Input leakage current
VPROG = 1.5 V
–0.2
0
0.2
µA
TIMER
Sourcing current
VTIMER = 0 V
8
10
12
µA
VTIMER = 2 V
8
10
12
µA
Sinking current
VEN = 0 V, VTIMER = 2 V
2
4.5
7
mA
Upper threshold voltage
1.3
1.35
1.4
V
(1)
These parameters are provided for reference only and do not constitute part of TI’s published device specifications for purposes of TI’s
product warranty.
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS24750 TPS24751


Similar Part No. - TPS24751RUVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24751RUVT TI1-TPS24751RUVT Datasheet
1Mb / 42P
[Old version datasheet]   12A eFuse Circuit Protector with Current Monitor
More results

Similar Description - TPS24751RUVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24750 TI1-TPS24750 Datasheet
1Mb / 42P
[Old version datasheet]   12A eFuse Circuit Protector with Current Monitor
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
   Circuit Protector Elements
UN10004 PANASONIC-UN10004 Datasheet
27Kb / 1P
   Circuit Protector Elements
UNH0003 PANASONIC-UNH0003 Datasheet
46Kb / 2P
   Circuit Protector Elements
UNH0104 PANASONIC-UNH0104 Datasheet
38Kb / 2P
   Circuit Protector Elements
UNHZ202 PANASONIC-UNHZ202 Datasheet
65Kb / 3P
   Circuit Protector Elements
UNH0127 PANASONIC-UNH0127 Datasheet
35Kb / 2P
   Circuit Protector Elements
UNH0006 PANASONIC-UNH0006 Datasheet
51Kb / 2P
   Circuit Protector Elements
logo
NTE Electronics
NTE15005E NTE-NTE15005E Datasheet
22Kb / 2P
   Integrated Circuit Protector
NTE15005E NTE-NTE15005E_09 Datasheet
54Kb / 2P
   Integrated Circuit Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com