Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61176 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS61176
Description  High-Efficiency 6-Channel WLED Driver Supporting Single-Cell Li-Ion Battery Input
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61176 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61176_15 Datasheet HTML 1Page - Texas Instruments TPS61176_15 Datasheet HTML 2Page - Texas Instruments TPS61176_15 Datasheet HTML 3Page - Texas Instruments TPS61176_15 Datasheet HTML 4Page - Texas Instruments TPS61176_15 Datasheet HTML 5Page - Texas Instruments TPS61176_15 Datasheet HTML 6Page - Texas Instruments TPS61176_15 Datasheet HTML 7Page - Texas Instruments TPS61176_15 Datasheet HTML 8Page - Texas Instruments TPS61176_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TPS61176
SLVSBM5B – DECEMBER 2012 – REVISED AUGUST 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN, PWM/EN, MODE/FAULT
–0.3
7
V
SW
–0.3
40
V
Voltage range(2)
IFB1 to IFB6
–0.3
20
V
All other pins
–0.3
3.6
V
Continuous power dissipation
See Thermal Information
Operating junction temperature
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
Electrostatic
V(ESD)
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±2000
V
discharge
Machine model
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Bias voltage to device (see Figure 18)
2.7
6.5
V
VIN
Input voltage to inductor (see Figure 18)
2.7
24
V
VOUT
Output voltage range
VIN
38
V
L
Inductor
4.7
6.8
10
µH
CI
Input capacitor
1.0
2.2
µF
CO
Output capacitor
2.2
4.7
10
µF
CCOMP
COMP capacitor
0.47
1
µF
FPWM_I
Input PWM signal frequency
0.1
22
kHz
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
6.4 Thermal Information
TPS61176
THERMAL METRIC(1)
RTE (WQFN)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
43
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
44.4
°C/W
RθJB
Junction-to-board thermal resistance
14.4
°C/W
ψJT
Junction-to-top characterization parameter
0.6
°C/W
ψJB
Junction-to-board characterization parameter
14.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS61176


Similar Part No. - TPS61176_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61176RTER TI-TPS61176RTER Datasheet
1Mb / 28P
[Old version datasheet]   High-Efficiency 6-Channel WLED Driver Supporting Single-Cell Li-Ion Battery Input
More results

Similar Description - TPS61176_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61176 TI-TPS61176 Datasheet
1Mb / 28P
[Old version datasheet]   High-Efficiency 6-Channel WLED Driver Supporting Single-Cell Li-Ion Battery Input
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
E-CMOS Corporation
EC49020 E-CMOS-EC49020 Datasheet
711Kb / 11P
   High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
logo
Texas Instruments
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com