Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61176 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS61176
Description  High-Efficiency 6-Channel WLED Driver Supporting Single-Cell Li-Ion Battery Input
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61176 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61176_15 Datasheet HTML 6Page - Texas Instruments TPS61176_15 Datasheet HTML 7Page - Texas Instruments TPS61176_15 Datasheet HTML 8Page - Texas Instruments TPS61176_15 Datasheet HTML 9Page - Texas Instruments TPS61176_15 Datasheet HTML 10Page - Texas Instruments TPS61176_15 Datasheet HTML 11Page - Texas Instruments TPS61176_15 Datasheet HTML 12Page - Texas Instruments TPS61176_15 Datasheet HTML 13Page - Texas Instruments TPS61176_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
UVLO /
Internal
Regulator
Diode
VIN
Slope
Compensation
S
R
Q
VOVP
IFB1
PWM/EN
Comp
SW
IFB2
IFB3
IFB4
IFB5
IFB6
EA
R1
RSET
EN
VIN
C2
1uF
Current Sink
C3
4.7uF
OVP
PGND
IFB1
IFB2
IFB3
IFB4
IFB5
IFB6
GND
C1
2.2uF
VOUT
OVP
OVC
COMP
R2
VLDO
Optional
L
C4
0.47uF
Error
Amp
Detector
Duty
Control
Circuit
PWM Signal
Generator
Current
Mirror
Analog
Dimming
PWM
dimming
Dimming
Control
Current Sink
Current Sink
Current Sink
Current Sink
Current Sink
LED
Current
regulation
IFB no use
Open /Short
LED
OVP
Disable
Detection
Shut Down
OSC
Short to GND
Protection
OCP
S
OSC
PWM
decoding
circuit
Dimming Mode
Selection
C5
100pF
51k
82k
MODE/FAULT
Dimming Mode
Detection
R3
1M
R4
43k
Fault protection
C6
2.2uF
VOVP
TPS61176
SLVSBM5B – DECEMBER 2012 – REVISED AUGUST 2015
www.ti.com
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Supply Voltage
The TPS61176 can support single-cell Li-ion battery input directly. It has a built-in linear regulator to generate
supply for internal analog and logic circuits. The VLDO pin, output of the regulator, should be connected to a 1-
µF bypass capacitor for the regulator to be controlled in a stable loop. VLDO pin does not have current sourcing
capability for external use.
If the device is used in a multi-cell battery system, the battery cannot be connected to VIN pin directly. In this
case, connect a 3.3-V or 5-V power rail to bias the VIN pin and connect the battery voltage to the inductor. The
VIN pin only consumes less than 3 mA for normal operation. Refer to Application and Implementation for more
details.
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS61176


Similar Part No. - TPS61176_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61176RTER TI-TPS61176RTER Datasheet
1Mb / 28P
[Old version datasheet]   High-Efficiency 6-Channel WLED Driver Supporting Single-Cell Li-Ion Battery Input
More results

Similar Description - TPS61176_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61176 TI-TPS61176 Datasheet
1Mb / 28P
[Old version datasheet]   High-Efficiency 6-Channel WLED Driver Supporting Single-Cell Li-Ion Battery Input
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
E-CMOS Corporation
EC49020 E-CMOS-EC49020 Datasheet
711Kb / 11P
   High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
logo
Texas Instruments
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com