Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61007 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61007
Description  Single- and Dual-Cell Boost Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61007 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61007 Datasheet HTML 5Page - Texas Instruments TPS61007 Datasheet HTML 6Page - Texas Instruments TPS61007 Datasheet HTML 7Page - Texas Instruments TPS61007 Datasheet HTML 8Page - Texas Instruments TPS61007 Datasheet HTML 9Page - Texas Instruments TPS61007 Datasheet HTML 10Page - Texas Instruments TPS61007 Datasheet HTML 11Page - Texas Instruments TPS61007 Datasheet HTML 12Page - Texas Instruments TPS61007 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
5
6
TPS6100x
9
8
1
10
3
2
7
4
SW
VBAT
LBI
NC/FBGND
EN
VOUT
LBO
FB
COMP
GND
Low Battery
Warning
R4
10 k
R3
ON
OFF
R2
R1
Ci
10 µF
L1
D1
C1
100 pF
C2
33 nF
Co
22 µF
33 µH
List of Components:
IC1:
Only fixed output versions
(unless otherwise noted)
L1:
Coilcraft DO3308P−333
D1:
Motorola Schottky Diode
MBRM120LT3
CI:
Ceramic
CO:
Ceramic
0
0.5
1
1.5
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
VI = 1.2 V
VO − Output Voltage − V
TPS61000, TPS61001, TPS61002, TPS61003
TPS61004, TPS61005, TPS61006, TPS61007
www.ti.com
SLVS279D – MARCH 2000 – REVISED AUGUST 2015
Figure 11. TPS61000, TPS61007 Switch Current Limit vs Output Voltage
8 Parameter Measurement Information
Figure 12. Circuit Used for Typical Characteristics Measurements
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS61000 TPS61001 TPS61002 TPS61003 TPS61004 TPS61005 TPS61006 TPS61007


Similar Part No. - TPS61007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61007DGS TI-TPS61007DGS Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61007DGS TI1-TPS61007DGS Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61007DGSG4 TI1-TPS61007DGSG4 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com