Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2808DTR-1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2808DTR-1
Description  Low Power Current Mode Push-Pull PWM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2808DTR-1 Datasheet(HTML) 3 Page - Texas Instruments

  UCC2808DTR-1 Datasheet HTML 1Page - Texas Instruments UCC2808DTR-1 Datasheet HTML 2Page - Texas Instruments UCC2808DTR-1 Datasheet HTML 3Page - Texas Instruments UCC2808DTR-1 Datasheet HTML 4Page - Texas Instruments UCC2808DTR-1 Datasheet HTML 5Page - Texas Instruments UCC2808DTR-1 Datasheet HTML 6Page - Texas Instruments UCC2808DTR-1 Datasheet HTML 7Page - Texas Instruments UCC2808DTR-1 Datasheet HTML 8Page - Texas Instruments UCC2808DTR-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
2
3
4
8
7
6
5
OUTB
GND
RC
CS
OUTA
VDD
COMP
FB
1
2
3
4
8
7
6
5
COMP
FB
CS
RC
VDD
OUTA
OUTB
GND
UCC2808-1, UCC2808-2, UCC3808-1, UCC3808-2
www.ti.com
SLUS168E – APR 1999 – REVISED AUGUST 2015
5 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
P Package
8-Pin PDIP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
COMP
1
I/O
Output of the error amplifier and the input of the PWM comparator.
CS
3
I
Input to the PWM, peak current, and overcurrent comparators.
FB
2
I
Inverting input to the error amplifier.
GND
5
Reference ground and power ground for all functions.
OUTA
7
O
Alternating high current output stage.
OUTB
6
O
Alternating high current output stage.
RC
4
I
Oscillator programming pin.
VDD
8
Power input connection for this device.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: UCC2808-1 UCC2808-2 UCC3808-1 UCC3808-2


Similar Part No. - UCC2808DTR-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808DTR-1 TI-UCC2808DTR-1 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808DTR-1 TI1-UCC2808DTR-1 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808DTR-1G4 TI1-UCC2808DTR-1G4 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results

Similar Description - UCC2808DTR-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808 TI-UCC3808 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1 TI-UCC2808A-1 Datasheet
160Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_13 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com