Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2808DTR-2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2808DTR-2
Description  Low Power Current Mode Push-Pull PWM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2808DTR-2 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2808DTR-2 Datasheet HTML 1Page - Texas Instruments UCC2808DTR-2 Datasheet HTML 2Page - Texas Instruments UCC2808DTR-2 Datasheet HTML 3Page - Texas Instruments UCC2808DTR-2 Datasheet HTML 4Page - Texas Instruments UCC2808DTR-2 Datasheet HTML 5Page - Texas Instruments UCC2808DTR-2 Datasheet HTML 6Page - Texas Instruments UCC2808DTR-2 Datasheet HTML 7Page - Texas Instruments UCC2808DTR-2 Datasheet HTML 8Page - Texas Instruments UCC2808DTR-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
UCC3808D-1
RC
4.99 kΩ
4.99 kΩ
432 Ω
0.1 µF
10 µF
20 kΩ
330 pF
86.6 kΩ
0.01 µF
1 kV
NS1
NS2
NP1
NP2
680 µF
0.01 µF
470 pF
4700 pF 20 kΩ
19.1 kΩ
COMP
19.1 kΩ
200 Ω
LOOP B
LOOP A
2.2 Ω
0.2 Ω
2 kΩ
330 pF
1000 pF
62 Ω
62 Ω
1000 pF
2.2 Ω
51 kΩ
1/4 W
0.47 µF
4700 µF
VIN
36 V TO 72 V
+
BYV
28–200
BYV
28–200
32CTQ030
ER28
8:2
+
VO
5 V 50 W
5
6
7
8
4
3
2
1
H11A1
4
5
6
3
2
1
U3
CURRENT
SENSE
PRIMARY
GROUND
IRF640
IRF640
20 kΩ
2N2907
0.1 µF
240 Ω
0.1 µF
3
1 TL431
2
10 Ω
12
EF25 7µH
1 mH
DF02SGICT
2.80 kΩ
VDD
OUTA OUTB GND
RC
CS
FB
COMP
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
UCC2808-1, UCC2808-2, UCC3808-1, UCC3808-2
SLUS168E – APR 1999 – REVISED AUGUST 2015
UCCx808-x Low Power Current Mode Push-Pull PWM
1 Features
3 Description
The UCCx808-x is a family of BiCMOS push-pull,
1
Dual Output Drive Stages in Push-Pull
high-speed, low-power, pulse-width modulators. The
Configuration
UCCx808 contains all of the control and drive circuitry
130-
μA Typical Starting Current
required for offline or DC-to-DC fixed frequency
1-mA Typical Run Current
current-mode switching power supplies with minimal
external parts count.
Operation to 1-MHz
Internal Soft-Start
The
UCCx808-x
dual
output
drive
stages
are
arranged in a push-pull configuration. Both outputs
On-Chip Error Amplifier With 2-MHz Gain
switch at half the oscillator frequency using a toggle
Bandwidth Product
flip-flop. The dead time between the two outputs is
On-Chip VDD Clamping
typically 60 ns to 200 ns depending on the values of
Output Drive Stages Capable Of 500-mA Peak
the timing capacitor and resistors, thus limiting each
output stage duty cycle to less than 50%.
Source Current, 1-A Peak Sink Current
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Server and Desktop Power Supplies
UCC2808-1
SOIC (8)
4.90 mm × 3.91 mm
Telecom Power Supplies
UCC2808-2
UCC3808-1
PDIP (8)
9.81 mm × 6.35 mm
DC-DC Converters
UCC3808-2
Switched-Mode Power Supplies
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - UCC2808DTR-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808DTR-2 TI-UCC2808DTR-2 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808DTR-2 TI1-UCC2808DTR-2 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808DTR-2/1G4 TI-UCC2808DTR-2/1G4 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808DTR-2G4 TI-UCC2808DTR-2G4 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808DTR-2G4 TI1-UCC2808DTR-2G4 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results

Similar Description - UCC2808DTR-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808 TI-UCC3808 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1 TI-UCC2808A-1 Datasheet
160Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_13 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com