Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3808DTR-1G4 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC3808DTR-1G4
Description  Low Power Current Mode Push-Pull PWM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3808DTR-1G4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC3808DTR-1G4 Datasheet HTML 5Page - Texas Instruments UCC3808DTR-1G4 Datasheet HTML 6Page - Texas Instruments UCC3808DTR-1G4 Datasheet HTML 7Page - Texas Instruments UCC3808DTR-1G4 Datasheet HTML 8Page - Texas Instruments UCC3808DTR-1G4 Datasheet HTML 9Page - Texas Instruments UCC3808DTR-1G4 Datasheet HTML 10Page - Texas Instruments UCC3808DTR-1G4 Datasheet HTML 11Page - Texas Instruments UCC3808DTR-1G4 Datasheet HTML 12Page - Texas Instruments UCC3808DTR-1G4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
OSCILLATOR
1.41
f
RC
=
UCC2808-1, UCC2808-2, UCC3808-1, UCC3808-2
www.ti.com
SLUS168E – APR 1999 – REVISED AUGUST 2015
Feature Description (continued)
where
frequency is in hertz, resistance in ohms, and capacitance in farads.
(1)
The recommended range of timing resistors is between 10 k
Ω and 200 kΩ and range of timing capacitors is
between 100 pF and 1000 pF. Timing resistors less than 10 k
Ω must be avoided.
For best performance, keep the timing capacitor lead to GND as short as possible, the timing resistor lead from
VDD as short as possible, and the leads between timing components and RC as short as possible. Separate
ground and VDD traces to the external timing network are encouraged.
VDD: The power input connection for this device. Although quiescent VDD current is very low, total supply
current will be higher, depending on OUTA and OUTB current, and the programmed oscillator frequency. Total
VDD current is the sum of quiescent VDD current and the average OUT current. Knowing the operating
frequency and the MOSFET gate charge (Qg), average OUT current can be calculated from:
IOUT = Qg F
where
F is frequency To prevent noise problems, bypass VDD to GND with a ceramic capacitor as close to the chip
as possible along with an electrolytic capacitor.
(2)
A 1-
μF decoupling capacitor is recommended.
7.4 Device Functional Modes
7.4.1 VCC
When VCC becomes above 12.5 V (for UCCx808-1) or 4.3 V (for UCCx808-2), the device is enable, and after all
fault conditions are cleared, the gate driver starts with soft-start. When VCC drops below 8.3 V (for UCCx808-1)
or 4.1 V (for UCCx808-2), the device enters the UVLO protection mode and both gate drivers are actively pulled
low.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCC2808-1 UCC2808-2 UCC3808-1 UCC3808-2


Similar Part No. - UCC3808DTR-1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3808DTR-1G4 TI1-UCC3808DTR-1G4 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results

Similar Description - UCC3808DTR-1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808 TI-UCC3808 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1 TI-UCC2808A-1 Datasheet
160Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_13 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com