Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3B-06PA-2DSA Datasheet(PDF) 9 Page - Hirose Electric

Part # A3B-06PA-2DSA
Description  2mm Pitch Miniature Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

A3B-06PA-2DSA Datasheet(HTML) 9 Page - Hirose Electric

Back Button A3B-06PA-2DSA Datasheet HTML 5Page - Hirose Electric A3B-06PA-2DSA Datasheet HTML 6Page - Hirose Electric A3B-06PA-2DSA Datasheet HTML 7Page - Hirose Electric A3B-06PA-2DSA Datasheet HTML 8Page - Hirose Electric A3B-06PA-2DSA Datasheet HTML 9Page - Hirose Electric A3B-06PA-2DSA Datasheet HTML 10Page - Hirose Electric A3B-06PA-2DSA Datasheet HTML 11Page - Hirose Electric A3B-06PA-2DSA Datasheet HTML 12Page - Hirose Electric A3B-06PA-2DSA Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
C18
BPCB mounting pattern
qA3D Type
Unit: mm
Part Number
A3D-04DA-2DSE
A3D-06DA-2DSE
A3D-08DA-2DSE
A3D-10DA-2DSE
A3D-12DA-2DSE
A3D-14DA-2DSE
A3D-16DA-2DSE
A3D-18DA-2DSE
A3D-20DA-2DSE
A3D-28DA-2DSE
A3D-44DA-2DSE
CL No.
621-0751-3
621-0752-6
621-0753-9
621-0754-1
621-0755-4
621-0756-7
621-0757-0
621-0758-2
621-0759-5
621-0763-2
621-0766-0
Number of Contacts
A
B
4
6
8
10
12
14
16
18
20
28
44
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
28.0
44.0
02.0
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
26.0
42.0


Similar Part No. - A3B-06PA-2DSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3B-06PA-2DSA ETC2-A3B-06PA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-06PA-2DSA HIROSE-A3B-06PA-2DSA Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3B-06PA-2DSA(71) ETC2-A3B-06PA-2DSA(71) Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-06PA-2DSA(71) HIROSE-A3B-06PA-2DSA(71) Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
More results

Similar Description - A3B-06PA-2DSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3A-8PA-2SV ETC2-A3A-8PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12P-2DS HIROSE-A3B-12P-2DS Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-14PA-2SV ETC2-A3-14PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-32PA-2SV ETC2-A3-32PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-6PA-2SV ETC2-A3-6PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3 HIROSE-A3_18 Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-10DA-2SV ETC2-A3-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A4B-6S-2C ETC2-A4B-6S-2C Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3A-10DA-2SV ETC-A3A-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com