Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN1HS1 Datasheet(PDF) 4 Page - Vicor Corporation

Part # EN1HS1
Description  Component Power Front-end System for EN Compliance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1HS1 Datasheet(HTML) 4 Page - Vicor Corporation

  EN1HS1 Datasheet HTML 1Page - Vicor Corporation EN1HS1 Datasheet HTML 2Page - Vicor Corporation EN1HS1 Datasheet HTML 3Page - Vicor Corporation EN1HS1 Datasheet HTML 4Page - Vicor Corporation EN1HS1 Datasheet HTML 5Page - Vicor Corporation EN1HS1 Datasheet HTML 6Page - Vicor Corporation EN1HS1 Datasheet HTML 7Page - Vicor Corporation EN1HS1 Datasheet HTML 8Page - Vicor Corporation EN1HS1 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ENMODS
Rev 3.1
vicorpower.com
Page 4 of 13
06/2015
800 927.9474
EN1xxx
C2
R4
C4
L2/N
L1
PE
L1
R3
L2
R1
R2
L3
C1
C3
F1
V1
N
L
PE
Input
Output
Vicor
Part
Description
Part Number
C1
1.0
02573
C2, C3
4,700 pF (Y2 type)
01000
C4
0.33 µF
00927
F1
10 A Wickman 194 Series
or Bussman ABC-10
L1, L2
27 µH
32012
L3
1.3 mH
32006
R1, R2
10Ω
R3
150 kΩ, 0.5 W
R4
2.2 Ω, 2 W
V1
MOV
30076
CM
Figure 1b — Input EMI filter for EN55022, Level B compliance
Harmonic Current
0.01
0.10
1.00
10.00
23456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Harmonic Number
Measured Values
Odd Harmonic Limits
Even Harmonic Limits
*
Figure 2 — Measured harmonic current at 230 Vac, 575 W vs. EN spec limits
*Measured values of even harmonics are below 0.01A
OPERATING CHARACTERISTICS
Figure 1a — Offline Power Supply Configuration
FARM3
N
SR
L
+
BOK
ST
EN
MINI
HAM
N/+
L/–
Filter
AC line Input
EMI GND
L
N
+IN
PC
PR
–IN
+IN
PC
PR
–IN
Vicor 300 Vin
DC-DC
Converter
R1
R2
C1
C2
D2
D1
C3
C5
C4
C6
F1
F2
To additional converters
Part
C1,2
C3 – 6
C7,8
C9,C10
R1,2
R3, R4
V1,2
V3
V5,V6
F1,2
D1,2
D3,D4
Description
Holdup capacitors
4,700 pF (Y2 type)
Film Cap., 0.61
μF
0.001
μF
150 k
Ω, 0.5 W
250
Ω, 0.125 W
MOV 220 V
270 V MOV
Bidirectional TVS Diode
Use recommended fusing for
specific converters
Diode (1N4006)
1N5817
Vicor
Part Number
01000
34610
30234-220
30076
1.5KE51CA
00670
26108
Sizing PCB traces:
All traces shown in bold carry significant
current and should be sized accordingly.
Holdup Box (HUB)
410
μF HUB820-S 1100 μF
HUB2200-S
600
μF HUB1200-S 1350 μF
HUB2700-S
900
μF HUB1800-S 1650 μF
HUB3300-S
NC
NC
NC
NC
NC
N
N
L
L
PE
V1
V2
(Fig.1b)
C7
C8
Vicor 300 Vin
DC-DC
Converter
N/+
L/–
V3
D3
C9
C10
D4
V5
V6
R3
R4
PE


Similar Part No. - EN1HS1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
EN1HS1 VICOR-EN1HS1 Datasheet
347Kb / 12P
   ENMods Component Power Front End System for EN Compliance
logo
Powerbox
EN1HS1 POWERBOX-EN1HS1 Datasheet
415Kb / 1P
   AC INPUT MODULAR FRONT END SYSTEMS
logo
Vicor Corporation
EN1HS1 VICOR-EN1HS1 Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
EN1HS1 VICOR-EN1HS1 Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
EN1HS1.2.3 VICOR-EN1HS1.2.3 Datasheet
733Kb / 13P
   Component Power Front-end System for EN Compliance
More results

Similar Description - EN1HS1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
ENMODS VICOR-ENMODS Datasheet
733Kb / 13P
   Component Power Front-end System for EN Compliance
EN1XXX VICOR-EN1XXX Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
EN1C11 VICOR-EN1C11_17 Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
ENMOD VICOR-ENMOD Datasheet
347Kb / 12P
   ENMods Component Power Front End System for EN Compliance
logo
XP Power Limited
CPH500USC3 XPPOWER-CPH500USC3 Datasheet
86Kb / 2P
   Component Power AC Front End Modules
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
Mean Well Enterprises C...
RCP-1000 MEANWELL-RCP-1000 Datasheet
669Kb / 8P
   1000 ~ 3000W Front End Power System
RKP-1U MEANWELL-RKP-1U Datasheet
929Kb / 6P
   2000~6000W Front End Power System
RCP-1000 MEANWELL-RCP-1000_11 Datasheet
682Kb / 8P
   1000 ~ 3000W Front End Power System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com