Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN1HN1 Datasheet(PDF) 11 Page - Vicor Corporation

Part # EN1HN1
Description  Component Power Front-end System for EN Compliance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

EN1HN1 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button EN1HN1 Datasheet HTML 5Page - Vicor Corporation EN1HN1 Datasheet HTML 6Page - Vicor Corporation EN1HN1 Datasheet HTML 7Page - Vicor Corporation EN1HN1 Datasheet HTML 8Page - Vicor Corporation EN1HN1 Datasheet HTML 9Page - Vicor Corporation EN1HN1 Datasheet HTML 10Page - Vicor Corporation EN1HN1 Datasheet HTML 11Page - Vicor Corporation EN1HN1 Datasheet HTML 12Page - Vicor Corporation EN1HN1 Datasheet HTML 13Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ENMODS
Rev 3.1
vicorpower.com
Page 11 of 13
06/2015
800 927.9474
EN1xxx
Example
In this example, the output required from the DC-DC
converter at the point of load is 12 Vdc at 320 W. Therefore,
the output power from the ENMods would be 375 W
(assuming a converter efficiency of 85%). The desired
hold-up time is 9 ms over an input range of 90 to 264 Vac.
Determining Required Capacitance for Power Fail
Warning. Figure 13
is used to determine capacitance for a
given power fail warning time and power level, and shows
that the total bus capacitance should be at least 820 μF. Since
two capacitors are used in series, each capacitor should be at
least 1,640 μF. Note that warning time is not dependent on
line voltage. A hold-up capacitor calculator is available on the
Vicor website, at www.vicorpower.com/powerbench/product-
calculators.
Determining Ride-through Time. Figure 14
illustrates
ride-through time as a function of line voltage and output
power, and shows that at a nominal line of 90 Vac, ride-
through would be 68 ms. Ride-through time is a function of
line voltage.
Determining Ripple Voltage on the Hold-up Capacitors.
Figure 16
is used to determine ripple voltage as a function of
operating power and bus capacitance, and shows that the
ripple voltage across the hold-up capacitors will be 12 Vp-p.
Determining the Ripple on the Output of the
DC-DC Converter. Figure 17
is used to determine the ripple
rejection of the DC-DC converter and indicates a ripple
rejection of approximately 60 dB for a 12 V output. Since the
ripple on the bus voltage is 12 Vac and the ripple rejection of
the converter is 60 dB, the output ripple of the converter due
to ripple on its input (primarily 120 Hz) will be 12 m Vp-p.
A variety of hold-up capacitor assemblies (HUBs) are
available. Please visit the Vicor website at
www.vicorpower.com/powerbench/product-calculators.
For more information about designing an autoranging
AC input power supply using the ENMods and Vicor DC-DC
converter modules, contact Vicor Applications Engineering at
the nearest Vicor Technical Support Center, or send E-mail to
apps@vicorpower.com.
• • •
The power fail warning time (Δt) is defined as the interval
between BOK and converter shutdown (EN) as illustrated in
Figure 15
. The Bus-OK and Enable thresholds are 205 V and
190 V, respectively. A simplified relationship between
power fail warning time, operating power, and bus capacitance
is obtained by inserting these constants in Equation (3):
C = 2PΔt / (205
2 – 1902)
C = 2PΔt / (5,925)
It should be noted that the series combination (C1, C2,
see Figure 1a)
requires each capacitor to be twice the
calculated value, but the required voltage rating of each
capacitor is reduced to 200 V.
Allowable ripple voltage on the bus (or ripple current in the
capacitors) may define the capacitance requirement.
Consideration should be given to converter ripple rejection.
Equation 3 is again used to determine the required
capacitance. In this case, V1 and V2 are the
instantaneous values of bus voltage at the peaks and valleys
(see Figure 15)
of the ripple, respectively. The capacitors
must hold up the bus voltage for the time interval (Δt)
between peaks of the rectified line as given by:
Δt = (π –
θ) / 2πf
(5)
Where:
f = line frequency
θ = rectifier conduction angle
The approximate conduction angle is given by:
θ = cos
-1
(V
2/V1)
(6)
Another consideration in hold-up capacitor selection is their
ripple current rating. The capacitors’ rating must be higher
than the maximum operating ripple current. The approximate
operating ripple current (rms) is given by:
I rms = 2P/Vac
(7)
Where: P = total output power
Vac = operating line voltage
Calculated values of bus capacitance for various hold-up time,
ride-through time, and ripple voltage requirements are given
as a function of operating power level in Figures 13, 14, and
16
, respectively.
APPLICATION NOTE (CONT.)


Similar Part No. - EN1HN1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
EN1HN1 VICOR-EN1HN1 Datasheet
347Kb / 12P
   ENMods Component Power Front End System for EN Compliance
logo
Powerbox
EN1HN1 POWERBOX-EN1HN1 Datasheet
415Kb / 1P
   AC INPUT MODULAR FRONT END SYSTEMS
logo
Vicor Corporation
EN1HN1 VICOR-EN1HN1 Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
EN1HN1 VICOR-EN1HN1 Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
EN1HN1.2.3 VICOR-EN1HN1.2.3 Datasheet
733Kb / 13P
   Component Power Front-end System for EN Compliance
More results

Similar Description - EN1HN1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
ENMODS VICOR-ENMODS Datasheet
733Kb / 13P
   Component Power Front-end System for EN Compliance
EN1XXX VICOR-EN1XXX Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
EN1C11 VICOR-EN1C11_17 Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
ENMOD VICOR-ENMOD Datasheet
347Kb / 12P
   ENMods Component Power Front End System for EN Compliance
logo
XP Power Limited
CPH500USC3 XPPOWER-CPH500USC3 Datasheet
86Kb / 2P
   Component Power AC Front End Modules
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
Mean Well Enterprises C...
RCP-1000 MEANWELL-RCP-1000 Datasheet
669Kb / 8P
   1000 ~ 3000W Front End Power System
RKP-1U MEANWELL-RKP-1U Datasheet
929Kb / 6P
   2000~6000W Front End Power System
RCP-1000 MEANWELL-RCP-1000_11 Datasheet
682Kb / 8P
   1000 ~ 3000W Front End Power System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com