Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3EA-44D-2R Datasheet(PDF) 9 Page - Hirose Electric

Part # A3EA-44D-2R
Description  2mm Pitch Miniature Connector for HDD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

A3EA-44D-2R Datasheet(HTML) 9 Page - Hirose Electric

  A3EA-44D-2R Datasheet HTML 1Page - Hirose Electric A3EA-44D-2R Datasheet HTML 2Page - Hirose Electric A3EA-44D-2R Datasheet HTML 3Page - Hirose Electric A3EA-44D-2R Datasheet HTML 4Page - Hirose Electric A3EA-44D-2R Datasheet HTML 5Page - Hirose Electric A3EA-44D-2R Datasheet HTML 6Page - Hirose Electric A3EA-44D-2R Datasheet HTML 7Page - Hirose Electric A3EA-44D-2R Datasheet HTML 8Page - Hirose Electric A3EA-44D-2R Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
C34
sSocket
(1) Products suitable to various cables
44 contacts: A3B-44D-2C
Crimping contacts and crimping tools are
detailed on page C20.
44 contacts: A3E-44D-2R (see photo)
50 contacts: A3E-50D-2R
Insulation displacement is detailed on page C31.
44 contacts: MA18A-44DA-1SE (photo)
50 contacts: A3E-50D-2R
qDiscrete wire Crimping Type (see catalog page C19)
(2) Right Angle through hole Type (see catalog page C15.)
(3) Straight through hole Type
44 contacts: A3-44DA-2DS (see photo)
50 contacts: A3-50DA-2DS
44 contacts: MA18A-44DA-2DSS (see photo)
(See catalog page C32.)
50 contacts: A3C-50DA-2DSA (see catalog page C17.)
qRibbon Cable (1mm pitch) Batch ID Type (see catalog page C29)
qFPC Connection Type
()
For a typical example, products
are provided corresponding to
various board thickness.
For details, refer to page C32.
()
For a typical example, products
are provided corresponding to
various board thickness.
For details, refer to page C17.


Similar Part No. - A3EA-44D-2R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A3EA-44D-2R HIROSE-A3EA-44D-2R Datasheet
221Kb / 9P
   2mm Pitch Miniature Connector for HDD
More results

Similar Description - A3EA-44D-2R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A3E HIROSE-A3E Datasheet
221Kb / 9P
   2mm Pitch Miniature Connector for HDD
logo
List of Unclassifed Man...
A3A-8PA-2SV ETC2-A3A-8PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12P-2DS HIROSE-A3B-12P-2DS Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-14PA-2SV ETC2-A3-14PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-32PA-2SV ETC2-A3-32PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-04PA-2DSA HIROSE-A3B-04PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-6PA-2SV ETC2-A3-6PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3 HIROSE-A3_18 Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-10DA-2SV ETC2-A3-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com