Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4P7441F-1091T Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MA4P7441F-1091T
Description  Non Magnetic SMQ HIPAX PIN Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4P7441F-1091T Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MA4P7441F-1091T_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4P7441F-1091T_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4P7441F-1091T_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4P7441F-1091T_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4P7441F-1091T_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4P7441F-1091T_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4P7441F-1091T_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4P7441F-1091T_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Non Magnetic SMQ HIPAX PIN Diode
Rev. V2
MA4P7441F-1091T
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
6
MA4P7441F-1091T Ct vs Voltage
1
10
0.10
1.00
10.00
100.00
Voltage ( V )
Ct_1500 MHz
Ct_100 MHz
Typical Electrical Performance
MA4P7441F-1091T Ls vs Frequency
0.1
1
100.00
1000.00
F ( MHz )
Ls_50 mA


Similar Part No. - MA4P7441F-1091T_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4P7441F-1091T MA-COM-MA4P7441F-1091T_2 Datasheet
212Kb / 6P
   Non Magnetic SMQ MELF PIN Diode
More results

Similar Description - MA4P7441F-1091T_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4P7452F-1072T MA-COM-MA4P7452F-1072T Datasheet
81Kb / 7P
   Non Magnetic SMQ HIPAX PIN Diode
logo
Tyco Electronics
MA4P7461F-1072T MACOM-MA4P7461F-1072T Datasheet
143Kb / 6P
   Non Magnetic SMQ HIPAX PIN Diode
logo
M/A-COM Technology Solu...
MA4P7441F-1091T MA-COM-MA4P7441F-1091T Datasheet
84Kb / 7P
   Non Magnetic SMQ HIPAX PIN Diode
logo
Tyco Electronics
MA4P7464F-1072T MACOM-MA4P7464F-1072T Datasheet
139Kb / 6P
   Non Magnetic SMQ HIPAX PIN Diode
MA4P7441F-1091T MACOM-MA4P7441F-1091T Datasheet
136Kb / 6P
   Non Magnetic SMQ HIPAX PIN Diode
MA4P7452F-1072T MACOM-MA4P7452F-1072T Datasheet
136Kb / 6P
   Non Magnetic SMQ HIPAX PIN Diode
MA4P7446F-1091T MACOM-MA4P7446F-1091T Datasheet
135Kb / 6P
   Non Magnetic SMQ HIPAX PIN Diode
MA4P7470F-1072T MACOM-MA4P7470F-1072T Datasheet
137Kb / 6P
   Non Magnetic SMQ HIPAX PIN Diode
logo
M/A-COM Technology Solu...
MA4P7464F-1072T MA-COM-MA4P7464F-1072T Datasheet
84Kb / 7P
   Non Magnetic SMQ HIPAX PIN Diode
MA4P7446F-1091T MA-COM-MA4P7446F-1091T Datasheet
119Kb / 7P
   Non Magnetic SMQ HIPAX PIN Diode RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com