Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA46H120 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA46H120
Description  GaAs Constant Gamma Flip-Chip Varactor Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA46H120 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA46H120 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA46H120 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA46H120 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA46H120 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
GaAs Constant Gamma Flip-Chip
Varactor Diode
Rev. V2
MA46H120 Series
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
CHIP OUTLINE DRAWING
CAPACITANCE VS VOLTAGE
GAMMA = 1.00 +/- 10% FROM 2 to 12 Volts
TYPICAL PERFORMANCE CURVES @ +25 °C
* Specifications are subject to change without prior notification


Similar Part No. - MA46H120

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA46H120 MACOM-MA46H120 Datasheet
40Kb / 2P
   GaAs Constant Gamma Flip- Chip Varactor Diode
logo
M/A-COM Technology Solu...
MA46H120 MA-COM-MA46H120 Datasheet
138Kb / 3P
   GaAs Constant Gamma Flip-Chip Varactor Diode
MA46H120 MA-COM-MA46H120 Datasheet
131Kb / 3P
   GaAs Constant Gamma Flip-Chip
MA46H120 MA-COM-MA46H120 Datasheet
131Kb / 3P
   GaAs Constant Gamma Flip-Chip
MA46H120-W MA-COM-MA46H120-W Datasheet
138Kb / 3P
   GaAs Constant Gamma Flip-Chip Varactor Diode
More results

Similar Description - MA46H120

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA46H120 MACOM-MA46H120 Datasheet
40Kb / 2P
   GaAs Constant Gamma Flip- Chip Varactor Diode
logo
M/A-COM Technology Solu...
MA46H120 MA-COM-MA46H120 Datasheet
138Kb / 3P
   GaAs Constant Gamma Flip-Chip Varactor Diode
logo
Tyco Electronics
MAVR-000120-1411 MACOM-MAVR-000120-1411 Datasheet
198Kb / 5P
   Solderable GaAs Constant Gamma Flip-Chip Varactor Diode
logo
M/A-COM Technology Solu...
MAVR-000120-1411 MA-COM-MAVR-000120-1411_15 Datasheet
197Kb / 4P
   Solderable GaAs Constant Gamma Flip-Chip Varactor Diode
logo
Sensitron
SCP-5761 SENSITRON-SCP-5761 Datasheet
83Kb / 2P
   GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
SCP-5760 SENSITRON-SCP-5760 Datasheet
83Kb / 2P
   GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
logo
M/A-COM Technology Solu...
MA46H120_V3 MA-COM-MA46H120_V3 Datasheet
131Kb / 3P
   GaAs Constant Gamma Flip-Chip
MA46H120 MA-COM-MA46H120 Datasheet
131Kb / 3P
   GaAs Constant Gamma Flip-Chip
MAVR-000120-1411 MA-COM-MAVR-000120-1411 Datasheet
197Kb / 4P
   Solderable GaAs Constant Gamma Flip-Chip
MAVR-011020-1141 MA-COM-MAVR-011020-1141 Datasheet
619Kb / 4P
   Solderable GaAs Constant Gamma Flip-Chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com