Electronic Components Datasheet Search
Selected language     English  ▼


N-TMJ-30 Datasheet(PDF) 1 Page - Hirose Electric

Part No. N-TMJ-30
Description  Non-reflective Terminations (Box Type)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 1 page
background image
67
Non-reflective Terminations (Box Type)
N, BNC-TM Series
1.High Performance
These super wide bandwidth/ultra high matching non-
reflective termination use Hirose Electric original high
frequency matching technology.
2.Heat Sink Equipped Type
The usable power has been increased to 30 W through
the use of a heat sink. (5 W without heat sink)
sFeatures
Item
Conditions
Standard
sProduct Specifications
Ratings
-10
ç to +60ç
95% Max.
Operating temperature range
Operating relative humidity
DC to 1.0 GHz
50 ohms
30 W (5 W without heat sink)
Frequency range
Characteristic impedance
Maximum Input Power
1.Vibration
Frequency of 10 to 2000 Hz, overall amplitude of 1.52 mm,
acceleration of 98 m/s2 for 2 hours in each of 3 directions
No electrical discontinuity of 1
µs or more
No damage, cracks, or parts dislocation
2.Shock
Acceleration of 490 m/s2, sine half-wave waveform,
3 cycles in each of the 3 axis
3.Temperature
Temperature: -55
ç ¡ +5ç to +35ç ¡ +85ç ¡ +5ç to +35ç
Time: 30 ¡ 15 max. ¡ 30 ¡ 15 max. (Minutes)
200 cycles
No damage, cracks, or parts dislocation
Part
Connector Body
Insulator
Female contacts
Case
Resistor
Material
Brass
PTFE
Beryllium copper
Aluminum
Metal film
Finish
Nickel plating
----------
Silver plating
Conductive white alumite
----------
sMaterials
sExternal Dimensions
N-TMJ-30
BNC-TMJ-30
sSpecifications
Part Number
N-TMJ-30
BNC-TMJ-30
Frequency
Range
(GHz)
DC
~1
DC
~1
V.S.W.R.
(Max)
1.25
1.25
Power
(Without
Heat-sink)
(W)
5
5
When mounting a dummy case on Heat-sink
30
Power(
W)
30
4
Heat Resistance
(ç/W)
4
+60
Heat Sink Temperature at Maximum Load
(ç)
+60
50
Impedance
(ohms)
50
116
Weight
(g)
73
Part Number
A
B
C
N-TMJ-30
26
57.5
N-J
BNC-TMJ-30
19
57.1
BNC-J
qThe test method conforms to MIL-STD-202.




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HRM-601Non-reflective Terminations SMA Type 1 2 3 Hirose Electric
HRM-TM-025Stripline Non-reflective Terminations Externally Mounted 1 2 3 Hirose Electric
HT-025-1Stripline Mounting Non-reflective Terminations 1 2 3 4 5 Hirose Electric
TPS40LBSWITCHING MODE 40W LOW COST BOX TYPE POWER SUPPLY 1 2 3 Total Power International
TPS60LBSWITCHING MODE 60W LOW COST BOX TYPE POWER SUPPLY 1 2 3 4 Total Power International
HIF3F-10PA-2.54DSABox type Pin Header to Prevent Mis-insertion 1 2 3 Hirose Electric
TPS100LBPTPS100LBP SWITCHING MODE 100W LOW COST BOX TYPE POWER SUPPLY WITH POWER FACTOR CORRECTION 1 2 3 4 Total Power International
TPS150LBPTPS150LBP SWITCHING MODE 150W LOW COST BOX TYPE POWER SUPPLY WITH POWER FACTOR CORRECTION 1 2 3 4 Total Power International
A17BOX HEADER IDC TYPE 1 DB Lectro Inc
BNC-TMP-05Non-reflective Terminations BNC 1 2 3 Hirose Electric

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl