Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA46413 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA46413
Description  GaAs Hyperabrupt Varactor Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA46413 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA46413 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA46413 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA46413 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA46413 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA46413 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA46413 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GaAs Hyperabrupt Varactor Diode
Gamma = 1.0, 1.25, & 1.5
Rev. V7
MA46410 thru MA46480 Series
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Gamma = 1.03 MA46450 Series
Gamma = 0.9 - 1.1, VR = 2 - 20 Volts
Junction Capacitance Ratio (CJ2/CJ20) = 5.0 - 8.0
Breakdown Voltage @ IR = 10 µA, Vb = 22 V min.
Reverse Leakage Current @ VR = 18 V, IR = 100 nA max.
Part
Number
Total
Capacitance
+/-10%4,5,6,7
Total
Capacitance
Ratio7
Q
Minimum
VR = 4 V
f = 1 MHz
VR = 2 V / 20 V
VR = 4 V
f = 50 MHz
(pF)
-
-
MA46450
0.5
2.0-3.8
4000
MA46451
0.7
2.9-4.4
4000
MA46452
1.0
3.6-5.2
3000
MA46457
2.2
4.1-6.1
3000
MA46461
4.7
4.8-7.2
1500
Gamma = 1.53 MA46410 thru MA46425 Series
Gamma = 1.4 - 1.6 VR = 2 - 12 Volts
Junction Capacitance Ratio (CJ2/CJ12) = 6.2 - 10.8
Breakdown Voltage @ IR = 10 µA, Vb = 18 V min.
Reverse Leakage Current @ VR = 10 V, IR = 100 nA max.
Gamma = 1.253 MA46470 thru MA46485 Series
Gamma = 1.13 - 1.38, VR = 2 - 20 Volts
Junction Capacitance Ratio (CJ2/CJ20) = 8.15 - 12.99
Breakdown Voltage @ IR = 10 µA, Vb = 22 V min.
Reverse Leakage Current @ VR = 18 V, IR = 100 nA max.
2. All GaAs tuning varactors are available in chip form. Please contact factory for part number information.
3. The values guaranteed for gamma are measured on unpackaged chips. The total capacitance versus bias voltage curve will deviate slightly
from the chip capacitance versus bias voltage curve due to the package parasitic capacitance (Cp).
4. Case parasitics (Cp and Ls) are given for most case styles along with case outlines in the appendix.
5. Closer tolerances are available upon request.
6. Reverse voltage (Vbr) is measured at 10 microamps.
7. The total capacitance and capacitance ratios shown are for diodes housed in case style 30 with Cp= 0.170 pF unless otherwise specified.
Other case styles will result in different values.
8. This part is offered in die form, shipped in a gel pack. The part number is MAVR-046479-01340G.
Electrical Specifications2: TA = +25°C
Part
Number
Total
Capacitance
+/-10%4,5,6,7
Total
Capacitance
Ratio7
Q
Minimum
VR = 4 V
f = 1 MHz
VR = 2 V / 20 V
VR = 4 V
f = 50 MHz
(pF)
-
-
MA46470
0.5
2.2-4.1
4000
MA46471
0.7
3.6-5.6
4000
MA46472
1.0
4.8-7.4
3000
MA46473
1.2
4.8-7.4
3000
MA46474
1.5
5.0-7.4
3000
MA46475
1.8
6.6-8.7
3000
MA46476
2.0
6.6-8.7
3000
MA46477
2.2
6.6-8.7
3000
MA464798
3.3
6.4-10.0
2000
MA46480
3.7
6.8-11.0
2000
MA46481
4.7
6.9-11.1
1500
MA46483
6.8
7.2-11.5
1500
MA46485
10.0
7.5-12.0
1500
Part
Number
Total
Capacitance
+/-10%4,5,6,7
Total
Capacitance
Ratio7
Q
Minimum
VR = 4 V
f = 1 MHz
VR = 2 V / 12 V
VR = 4 V
f = 50 MHz
(pF)
-
-
MA46410
0.30-0.43
2.7-4.3
3000
MA46413
0.90-1.10
4.2-5.7
2500
MA46416
1.62-1.98
5.2-4.9
2500
MA46418
2.42-2.97
5.7-7.6
1800
MA46425
9.00-11.00
6.6-8.8
1200


Similar Part No. - MA46413

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA46413 MACOM-MA46413 Datasheet
198Kb / 5P
   GaAs Constant Gamma Hyperabrupt Tuning Varactors
MA46413 MACOM-MA46413 Datasheet
267Kb / 5P
   GaAs Hyperabrupt Varactor Diode Gamma= 1.0, 1.25 & 1.50
logo
M/A-COM Technology Solu...
MA46413 MA-COM-MA46413 Datasheet
272Kb / 5P
   GaAs Hyperabrupt Varactor Diode Gamma = 1.0, 1.25, & 1.50
More results

Similar Description - MA46413

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA46410-480 MA-COM-MA46410-480_15 Datasheet
580Kb / 5P
   GaAs Hyperabrupt Varactor Diode
MA46410-480 MA-COM-MA46410-480 Datasheet
580Kb / 5P
   GaAs Hyperabrupt Varactor Diode
MA46410_V8 MA-COM-MA46410_V8 Datasheet
274Kb / 5P
   GaAs Hyperabrupt Varactor Diode
logo
Sensitron
SCP-5761 SENSITRON-SCP-5761 Datasheet
83Kb / 2P
   GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
SCP-5760 SENSITRON-SCP-5760 Datasheet
83Kb / 2P
   GaAs CONSTANT GAMMA HYPERABRUPT VARACTOR DIODE
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Sensitron
SCP-5758 SENSITRON-SCP-5758 Datasheet
163Kb / 2P
   HYPERABRUPT VARACTOR DIODE
logo
Microsemi Corporation
MV30011 MICROSEMI-MV30011 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
logo
M/A-COM Technology Solu...
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Skyworks Solutions Inc.
GMV7811 SKYWORKS-GMV7811 Datasheet
61Kb / 3P
   GaAs Hyperabrupt Junction Varactor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com