Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAA2000G Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAA2000G
Description  GaAs MMIC Voltage Variable Absorptive Attenuator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAA2000G Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAA2000G_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAA2000G_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAA2000G_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAA2000G_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs MMIC Voltage Variable Absorptive Attenuator
DC - 12 GHz
Rev. V4
MAAA2000G
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Single or Dual Bias Control
 Easily Cascadable
 Small Size
 Attenuation Flatness DC - 12 GHz ± 0.2 dB
 Low Control Current Consumption
 Low Phase Shift
 Up to 20 dB Matched Attenuation with Dual Bias
 RoHS* Compliant
Description
The MAAA2000G is a broadband GaAs MESFET
MMIC voltage variable absorptive attenuator. Typical
applications are for WLAN IEEE 802.11a+b/g,
WiMAX IEEE 802.16, and MIMO. Other applications
include test equipment requiring ultra fast switching
speed.
The MAAA2000G is fabricated using a 1.0 micro gate
length GaAs MESFET process. The process features
full chip passivation for increased performance and
reliability.
Functional Schematic
Ordering Information
Part Number
Package
MAAA2000G
DIE 1
J1
J2
VB VA
Electrical Specifications: 0/-5 Vdc, 50
, -55°C to +85°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss 2
DC - 1.0 GHz
DC - 2.0 GHz
DC - 12.0 GHz
dB
1.2
1.4
1.5
VSWR
DC - 1.0 GHz
DC - 2.0 GHz
DC - 12.0 GHz
Ratio
1.5:1
1.5:1
1.8:1
Relative Attenuation
(Matched)
(Reflective)
(Matched)
DC - 2.0 GHz
DC - 2.0 GHz
2.0 - 12.0 GHz
dB
23
40
12
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
7
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
ns
10
Transients
In-band
mV
20
Input 1 dB Compression
0.5 - 4.0 GHz
dBm
15
VIN Low
0 to -0.2 V
µA
9
VIN High
-5 V
µA
50
100
*Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. Die quantity varies.
2. Loss changes 0.00025 dB/°C (-55°C to +85°C.)


Similar Part No. - MAAA2000G_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAA2000G MACOM-MAAA2000G Datasheet
65Kb / 3P
   GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
logo
M/A-COM Technology Solu...
MAAA2000G MA-COM-MAAA2000G Datasheet
61Kb / 3P
   GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
MAAA2000G MA-COM-MAAA2000G Datasheet
58Kb / 3P
   GaAs MMIC Voltage Variable Absorptive Attenuator
More results

Similar Description - MAAA2000G_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAA2000G MA-COM-MAAA2000G Datasheet
58Kb / 3P
   GaAs MMIC Voltage Variable Absorptive Attenuator
MAAA2000G MA-COM-MAAA2000G Datasheet
61Kb / 3P
   GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
logo
Tyco Electronics
MAAA2000G MACOM-MAAA2000G Datasheet
65Kb / 3P
   GaAs MMIC Voltage Variable Absorptive Attenuator DC - 12 GHz
logo
M/A-COM Technology Solu...
MAAVSS0005 MA-COM-MAAVSS0005 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAVSS0005 MA-COM-MAAVSS0005_15 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAV-007941 MA-COM-MAAV-007941_15 Datasheet
538Kb / 4P
   Voltage Variable Absorptive Attenuator
MAAVSS0004 MA-COM-MAAVSS0004_15 Datasheet
548Kb / 4P
   Voltage Variable Absorptive Attenuator
MAAVSS0008 MA-COM-MAAVSS0008_15 Datasheet
595Kb / 4P
   Voltage Variable Absorptive Attenuator
logo
Tyco Electronics
AT-118 MACOM-AT-118 Datasheet
49Kb / 3P
   Voltage Variable Absorptive Attenuator
logo
M/A-COM Technology Solu...
MAAV-007941 MA-COM-MAAV-007941 Datasheet
70Kb / 3P
   Voltage Variable Absorptive Attenuator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com