Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0042 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0042
Description  Low Noise Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0042 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0042 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0042 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0042 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAALSS0042 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Noise Amplifier
1.575 GHz
Rev. V1
MAALSS0042
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Noise Figure: 1.15 dB
 High Gain: 27 dB
 Low Power Consumption: 5V, 20 mA
 High Dynamic Range
 Lead-Free SOIC-8 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of AM50-0002
Description
M/A-COM’s MAALSS0042 is a high performance
GaAs MMIC low noise amplifier in a lead-free SOIC
8-lead surface mount plastic package.
The
MAALSS0042 employs a monolithic 3-stage self-
bias design and a simple external matching network
to obtain minimum noise figure.
The MAALSS0042 is ideally suited for use where
low noise figure, high gain, high dynamic range and
low power consumption are required.
Typical
applications include receiver front ends in the Global
Positioning System (GPS) market, as well as
standard gain blocks, buffer amps, driver amps, and
IF amps in both fixed and portable systems.
M/A-COM’S MAALSS0042 is fabricated using a
mature 0.5-micron gate length GaAs process. The
process features full passivation for increased
performance reliability.
Functional Diagram
GND
RF IN
GND
RF OUT
GND
GND
GND
GND
GND
RF IN
GND
RF OUT
GND
GND
GND
GND
Ordering Information 1,2
Part Number
Package
MAALSS0042
Bulk Packaging
MAALSS0042TR-3000
3000 piece reel
MAALSS0042SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
2. Die quantity varies.
Absolute Maximum Ratings 6,7
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
17 dBm
Channel Temperature 8
+150 °C
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM does not recommend sustained operation near
these survivability limits.
8. Typical thermal resistance (θjc) = +165 °C/W
Pin No.
Pin Name
Description
1
GND
Ground
2
RF IN
RF Input
3
GND
Ground
4
GND
Ground
5
GND
Ground
6
RF OUT
RF Output, VDD
7
GND
Ground
8
GND
Ground
Pin Configuration 3,4,5
3. Pins 1, 3, 4, 5, 7, and 8 must be RF and DC grounded (see
Recommended PCB Configuration).
4. Pin 2 is the RF input and must be connected to the simple
matching network shown in the Application Schematic.
5. Pin 6 is the RF output. VDD is also applied on Pin 6.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAALSS0042

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier
logo
Tyco Electronics
MAALSS0042SMB MACOM-MAALSS0042SMB Datasheet
215Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
MAALSS0042SMB MA-COM-MAALSS0042SMB Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
More results

Similar Description - MAALSS0042

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com