Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABC-001000-DP00TL Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABC-001000-DP00TL
Description  GaN Bias Controller/Sequencer Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABC-001000-DP00TL Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABC-001000-DP00TL Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABC-001000-DP00TL Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABC-001000-DP00TL Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABC-001000-DP00TL Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MABC-001000-DP00TL Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MABC-001000-DP00TL Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MABC-001000-DP00TL Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GaN Bias Controller/Sequencer Module
Dual Supply: -8 to -3 V, +12 to +55 V
Rev. V1
MABC-001000-DP000L
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macomtech.com/content/customersupport
Electrical Characteristics: TA = 25°C
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDS
Supply Voltage, Positive
10
50
70
V
IDS
Supply Current, Positive
-
14
-
mA
VGS
Supply Voltage, Negative
-8
-6
0
V
IGS
Supply Current, Negative
-
-3
-
mA
VENL
ENS Input Voltage, Low
0
0
0.3
V
VENH
ENS Input Voltage, High
2
3.3
4.3
V
IENS
ENS Input Current
-
40
-
uA
VGTH
Input, Gate Feedback Threshold to VGS
-
2.7
-
V
VDTH
Input, Drain Feedback Threshold
-
65% VDS
-
V
VGC
Output Voltage, Pulsed/Fixed Gate
-8
-3.5
0
V
VGCR
Output Voltage, Pulsed/Fixed Gate Ripple
(Peak-to-peak)
-
50
-
mV
IGC
Output Gate Current, Peak
-
50
-
mA
ROFF
Output Drive, Open Drain, OFF State
VDS = 50 V
Temp. = +85°C
-
4M
-
RON
Output Drive, Open Drain, ON State
-
1.2
-
ION
Output Drive, Current, ON State
-
100
200
mA
Absolute Maximum Ratings
Parameter
Min.
Max.
Supply (+) Voltage, VDS
0 V
+60 V
Supply (-) Voltage, VGS
-10 V
0 V
Logic Voltage, ENS, GSE
-0.3 V
+4.5
Analog (-) Voltage, GCI, GFB
-10 V
0 V
Switch Driver Voltage, SWG
0 V
+75 V
Switch Driver Sink Current, SWG
-
-200 mA
Lead Soldering Temp (10 s)
-
+260°C
Operating Temperature
-40°C
+85°C
Storage Temperature
-65°C
+150°C
Recommended Operating Conditions
Parameter
Typical
Supply (+) Voltage, VDS
+12 V to +55 V
Supply (-) Voltage, VGS
-8 V to -2 V
Logic Voltage, ENS
0 V to +4.3 V
Analog (-) Voltage, GCI, GFB
-8 V to -2 V
Switch Driver Sink Current, SWG
-1 mA to -200 mA
Operating Temperature
-40°C to +85°C


Similar Part No. - MABC-001000-DP00TL

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABC-001000-DPS00L MA-COM-MABC-001000-DPS00L Datasheet
937Kb / 7P
   GaN Bias Controller/Sequencer Module
MABC-001000-DPS0TL MA-COM-MABC-001000-DPS0TL Datasheet
937Kb / 7P
   GaN Bias Controller/Sequencer Module
More results

Similar Description - MABC-001000-DP00TL

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABC-001000-DPS00L MA-COM-MABC-001000-DPS00L Datasheet
937Kb / 7P
   GaN Bias Controller/Sequencer Module
logo
Linear Technology
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
   48V Hot Swap Controller with Sequencer
logo
Diodes Incorporated
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
logo
Linear Technology
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584 Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584 MICREL-MIC2584_05 Datasheet
274Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
AT1506 AIMTRON-AT1506 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
   Active Bias Controller
Aug-07-2001
BCR410W INFINEON-BCR410W Datasheet
127Kb / 4P
   Active Bias Controller
Dec-21-2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com