Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADRCC0004 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MADRCC0004
Description  Quad Driver for GaAs FET Switches and Attenuators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADRCC0004 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MADRCC0004 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADRCC0004 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADRCC0004 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADRCC0004 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Quad Driver for GaAs FET Switches and Attenuators
Rev. V3
MADRCC0004
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
AC & DC Characteristics Over Guaranteed Operating Range
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Silicon
Integrated
Circuits
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these devices.
Truth Table
Input
Outputs
CX
AX
BX
0
VEE
GND
1
GND
VEE
Symbol
Parameter
Test Conditions
Units
Min
Typ
Max
VIH
Input HIGH Voltage
Guaranteed HIGH Input Voltage
V
2.0
-
VIL
Input LOW Voltage
Guaranteed LOW Input Voltage
V
-
0.8
VOH
Output HIGH Voltage
IOH = -1 mA
VEE = Max
V
- 0.1
-
VOL
Output LOW Voltage
IOL = 1 mA
VEE = Max
V
VEE + 0.1
IIN
Input Current
VIN = VCC or GND
VEE = Min
µA
-10
0
10
ICC
Quiescent Supply Current
VCC = Max
VEE = Min
VIN = VCC or GND
µA
400
ICC
Additional Supply Current, per TTL
Input pin
VCC = Max
VIN = VCC - 2.1V
mA
1.0
TPHL, TPLH
Propagation Delay
Guaranteed -40° C to + 85° C
nS
50
TTHL, TTLH
Output Transition Time
Guaranteed -40° C to + 85° C
nS
25
Delay Skew, Output A to Output B
Guaranteed -40° C to + 85° C
nS
8
Note: See Switching Wave Forms for the definition of the
switching terms. Supplies must be by-passed with .01 µF
Capacitors.
Note: Unused inputs must be tied to Ground
Switching Waveforms
TF
TR
TTLH
TTHL
TPLH
TPHL
1.3 V
90%
50%
10%
90%
10%
INPUT
C
VIN
GND
LOGIC 1
LOGIC 0
OUTPUT A
VOUT
OUTPUT B
VEE
Absolute Maximum Ratings2,3
Parameter
Absolute Maximum
VCC
- .5V to + 6.0 V
VEE
- 6.0 V to - .5 V
VCC - VEE
12 V
V IN
4
VCC + .5 V
V OUT
VEE - .5 V
Storage Temperature
-65°C to +150°C
Operating Temperature
-40°C to +85°C
2.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
3.
M/A-COM does not recommend sustained operation near
these survivability limits.
4.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.


Similar Part No. - MADRCC0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADRCC0004 MACOM-MADRCC0004 Datasheet
428Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
MADRCC0004 MA-COM-MADRCC0004 Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004 Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
logo
Tyco Electronics
MADRCC0004TR MACOM-MADRCC0004TR Datasheet
428Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
MADRCC0004TR MA-COM-MADRCC0004TR Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
More results

Similar Description - MADRCC0004

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DR65-0001 MA-COM-DR65-0001 Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0007 MA-COM-MADRCC0007_15 Datasheet
608Kb / 5P
   Quad Driver for GaAs FET Switches and Attenuators
logo
Tyco Electronics
MADRCC0004 MACOM-MADRCC0004 Datasheet
428Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
MADRCC0007 MA-COM-MADRCC0007 Datasheet
81Kb / 4P
   Quad Driver for GaAs FET Switches and Attenuators
logo
Tyco Electronics
DR65-0001 MACOM-DR65-0001 Datasheet
217Kb / 2P
   Quad Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
MADRCC0004 MA-COM-MADRCC0004 Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0007 MA-COM-MADRCC0007 Datasheet
81Kb / 4P
   Quad Driver for GaAs FET Switches and Attenuators
MADRCC0004 MA-COM-MADRCC0004 Datasheet
68Kb / 3P
   Quad Driver for GaAs FET Switches and Attenuators
SWD-119-PIN MA-COM-SWD-119-PIN Datasheet
80Kb / 4P
   Quad Driver for GaAs FET Switches and Attenuators
logo
Tyco Electronics
SWD-119 MACOM-SWD-119 Datasheet
151Kb / 4P
   Quad Driver for GaAs FET Switches and Attenuators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com