Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR22-30D-2.54DS Datasheet(PDF) 4 Page - Hirose Electric

Part # CR22-30D-2.54DS
Description  2.54mm Pitch Card Edge Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

CR22-30D-2.54DS Datasheet(HTML) 4 Page - Hirose Electric

  CR22-30D-2.54DS Datasheet HTML 1Page - Hirose Electric CR22-30D-2.54DS Datasheet HTML 2Page - Hirose Electric CR22-30D-2.54DS Datasheet HTML 3Page - Hirose Electric CR22-30D-2.54DS Datasheet HTML 4Page - Hirose Electric CR22-30D-2.54DS Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A20
sRight Angle Through hole Type
Unit: mm
Part Number
CL No.
Number of Contacts
A
B
C
D
E
F
G
H
CR22-30D-2.54DSA
CR22A-30D-2.54DSA
CR22-34D-2.54DSA
CR22A-34D-2.54DSA
CR22-36D-2.54DSA
CR22A-44D-2.54DSA
CR22-50D-2.54DSA
CR22B-50D-2.54DSA
CR22-60D-2.54DSA
CR22-62D-2.54DSA
CR22A-62D-2.54DSA
CR22-68D-2.54DSA
CR22-72D-2.54DSA
CR22-100D-2.54DSA
CR22A-100D-2.54DSA
522-0023-4
522-0034-0
522-0024-7
522-0035-3
522-0025-0
522-0037-9
522-0027-5
522-0045-7
522-0028-8
522-0029-0
522-0040-3
522-0030-0
522-0031-2
522-0033-8
522-0044-4
30
34
36
44
50
60
62
68
72
100
61.74
---------
66.82
---------
69.36
---------
87.14
84.71
99.84
102.38
---------
110.00
115.08
150.64
---------
54.14
---------
59.22
---------
61.76
---------
79.54
78.11
92.24
94.78
---------
102.40
107.48
143.04
---------
46.74
46.74
51.82
51.82
54.36
64.52
72.14
70.10
84.84
87.38
87.38
95.00
100.08
135.64
135.64
40.64
40.64
45.72
45.72
48.26
58.42
66.04
66.04
78.74
81.28
81.28
88.90
93.98
129.54
129.54
35.56
35.56
40.64
40.64
43.18
53.34
60.96
60.96
73.66
76.20
76.20
83.82
88.90
124.46
124.46
9.5
9.5
9.5
9.5
9.5
9.5
9.5
9.4
9.5
9.5
9.5
9.5
9.5
9.5
9.5
16.5
16.5
16.5
16.5
16.5
16.5
16.5
15.49
16.5
16.5
16.5
16.5
16.5
16.5
16.5
9
9
9
9
9
9
9
7.62
9
9
9
9
9
9
9
Note : Mounting hole of CR22D
is design symmetry


Similar Part No. - CR22-30D-2.54DS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CR22-32L-30K-10V CREE-CR22-32L-30K-10V Datasheet
406Kb / 3P
   CR22 Architectural LED Troffer
CR22-32L-30K-CMA CREE-CR22-32L-30K-CMA Datasheet
369Kb / 3P
   CR22 Architectural LED Troffer with Cree SmartCast Technology
CR22-32L-30K-LES CREE-CR22-32L-30K-LES Datasheet
406Kb / 3P
   CR22 Architectural LED Troffer
CR22-32L-30K-S CREE-CR22-32L-30K-S Datasheet
406Kb / 3P
   CR22 Architectural LED Troffer
CR22-32L-35K-CMA CREE-CR22-32L-35K-CMA Datasheet
369Kb / 3P
   CR22 Architectural LED Troffer with Cree SmartCast Technology
More results

Similar Description - CR22-30D-2.54DS

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
254038MA006G504ZL SUYIN-USA-254038MA006G504ZL Datasheet
78Kb / 1P
   2.54mm pitch SIM CARD CONNECTOR
254038MA006G503ZL SUYIN-USA-254038MA006G503ZL Datasheet
78Kb / 1P
   2.54mm pitch SIM CARD CONNECTOR
logo
EDAC, All Rights Reserv...
345 EDAC-345 Datasheet
300Kb / 3P
   Card Edge Connectors 0.100” (2.54mm) Pitch
logo
Molex Electronics Ltd.
0676873550 MOLEX8-0676873550 Datasheet
139Kb / 3P
   2.54mm (.100") Pitch SIM Card Connector
0474940001 MOLEX6-0474940001 Datasheet
111Kb / 3P
   2.54mm (.100") Pitch SIM Card Connector
logo
Hirose Electric
CR6-06S-3.96E HIROSE-CR6-06S-3.96E Datasheet
125Kb / 4P
   3.96mm Pitch Card Edge Connector
logo
YEONHO ELECTRONICS
FCZ254 YEONHO-FCZ254 Datasheet
252Kb / 1P
   2.54mm PITCH CONNECTOR
YBD254B YEONHO-YBD254B Datasheet
199Kb / 1P
   2.54mm PITCH CONNECTOR
FCZ254-13B YEONHO-FCZ254-13B Datasheet
192Kb / 1P
   2.54mm PITCH CONNECTOR
FCZ254-NNS YEONHO-FCZ254-NNS Datasheet
256Kb / 1P
   2.54mm PITCH CONNECTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com