Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR7E-20DB-3.96E Datasheet(PDF) 6 Page - Hirose Electric

Part # CR7E-20DB-3.96E
Description  3.96mm and 4mm Pitch Card Edge Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

CR7E-20DB-3.96E Datasheet(HTML) 6 Page - Hirose Electric

  CR7E-20DB-3.96E Datasheet HTML 1Page - Hirose Electric CR7E-20DB-3.96E Datasheet HTML 2Page - Hirose Electric CR7E-20DB-3.96E Datasheet HTML 3Page - Hirose Electric CR7E-20DB-3.96E Datasheet HTML 4Page - Hirose Electric CR7E-20DB-3.96E Datasheet HTML 5Page - Hirose Electric CR7E-20DB-3.96E Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
A12
BPCB Cutouts
BContact No. Alignment List
4mm pitch
Number of Contacts
20
30
36
44
56
A
50
67
84
101
125
Note 1. To use alphabetic symbols, following 8 alphabetic characters are not used.
G. I, O, Q, g, i, o, q
Note 2. The above pattern is viewed from the contact (connection) side.
Number of Contacts
12
20
30
36
44
A
38.9
54.8
74.6
86.5
102.4
56
126
72
158
80
174
3.96 pitch


Similar Part No. - CR7E-20DB-3.96E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CR70U-010 CENTRAL-CR70U-010 Datasheet
335Kb / 2P
   70 AMP ULTRA FAST RECOVERY SILICON RECTIFIER 100 THRU 800 VOLTS
CR70U-015 CENTRAL-CR70U-015 Datasheet
335Kb / 2P
   70 AMP ULTRA FAST RECOVERY SILICON RECTIFIER 100 THRU 800 VOLTS
CR70U-020 CENTRAL-CR70U-020 Datasheet
335Kb / 2P
   70 AMP ULTRA FAST RECOVERY SILICON RECTIFIER 100 THRU 800 VOLTS
CR70U-040 CENTRAL-CR70U-040 Datasheet
335Kb / 2P
   70 AMP ULTRA FAST RECOVERY SILICON RECTIFIER 100 THRU 800 VOLTS
CR70U-060 CENTRAL-CR70U-060 Datasheet
335Kb / 2P
   70 AMP ULTRA FAST RECOVERY SILICON RECTIFIER 100 THRU 800 VOLTS
More results

Similar Description - CR7E-20DB-3.96E

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CR23-6SA-4DS HIROSE-CR23-6SA-4DS Datasheet
163Kb / 5P
   4mm Pitch Single Side Card Edge Connector
logo
Kyocera Kinseki Corpota...
9296-400 KSS-9296-400 Datasheet
613Kb / 2P
   POKE-HOME: HORIZONTAL CONNECTOR 4MM PITCH
021022
logo
Hirose Electric
CR6-06S-3.96E HIROSE-CR6-06S-3.96E Datasheet
125Kb / 4P
   3.96mm Pitch Card Edge Connector
logo
Maxim Integrated Produc...
MAX8819B MAXIM-MAX8819B Datasheet
485Kb / 29P
   PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
2009
logo
Micrel Semiconductor
MIC2199 MICREL-MIC2199_10 Datasheet
396Kb / 14P
   300kHz 4mm 횞 4mm Synchronous Buck Converter
logo
Maxim Integrated Produc...
MAX8819 MAXIM-MAX8819 Datasheet
485Kb / 29P
   PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
Rev 1; 4/09
MAX8819A MAXIM-MAX8819A Datasheet
452Kb / 29P
   PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
Rev 1; 4/09
logo
Micrel Semiconductor
MIC2198 MICREL-MIC2198 Datasheet
216Kb / 15P
   500kHz 4mm 횞 4mm Synchronous Buck Controller
MIC2198 MICREL-MIC2198_05 Datasheet
418Kb / 14P
   500kHz 4mm 횞 4mm Synchronous Buck Controller
MIC2199 MICREL-MIC2199 Datasheet
222Kb / 15P
   300kHz 4mm 횞 4mm Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com