Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM18-218127111 Datasheet(PDF) 3 Page - SICK AG

Part # UM18-218127111
Description  ULTRASONIC SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UM18-218127111 Datasheet(HTML) 3 Page - SICK AG

  UM18-218127111 Datasheet HTML 1Page - SICK AG UM18-218127111 Datasheet HTML 2Page - SICK AG UM18-218127111 Datasheet HTML 3Page - SICK AG UM18-218127111 Datasheet HTML 4Page - SICK AG UM18-218127111 Datasheet HTML 5Page - SICK AG UM18-218127111 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UM18-218127111 | UM18
ULTRASONIC SENSORS
Housing material
Nickel-plated brass
Ultrasonic transducer: polyurethane foam, glass epoxy resin
Connection type
Male connector, M12, 5-pin
Indication
2 x LED
Weight
25 g
Sending axis
Straight
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) 15 V ... 30 V when using the analog voltage output.
3) Without load.
Ambient data
Enclosure rating
IP 67
Protection class
III
Ambient temperature
Operation: –25 °C ... +70 °C
Storage: –40 °C ... +85 °C
Dimensional drawing (Dimensions in mm (inch))
UM18-2xxxxxx1
25.5 (1.00)
40.5 (1.59)
4
(0.16)
2
3
4
1
52.5 (2.07)
①  Connection
②  Mounting nuts, SW 24 mm
③  Status indicator operating voltage active (green)
④  Status indicator switching/analog output (orange)
Connection type
Male connector M12, 5-pin
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3


Similar Part No. - UM18-218127111

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-218127112 SICK-UM18-218127112 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results

Similar Description - UM18-218127111

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com