Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF1EC-2P-2.5DSA Datasheet(PDF) 9 Page - Hirose Electric

Part # DF1EC-2P-2.5DSA
Description  2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1EC-2P-2.5DSA Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF1EC-2P-2.5DSA Datasheet HTML 5Page - Hirose Electric DF1EC-2P-2.5DSA Datasheet HTML 6Page - Hirose Electric DF1EC-2P-2.5DSA Datasheet HTML 7Page - Hirose Electric DF1EC-2P-2.5DSA Datasheet HTML 8Page - Hirose Electric DF1EC-2P-2.5DSA Datasheet HTML 9Page - Hirose Electric DF1EC-2P-2.5DSA Datasheet HTML 10Page - Hirose Electric DF1EC-2P-2.5DSA Datasheet HTML 11Page - Hirose Electric DF1EC-2P-2.5DSA Datasheet HTML 12Page - Hirose Electric DF1EC-2P-2.5DSA Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
B124
sIn-line Plug
The symbol ** included in
HRS No. and the product spec
No. indicate a Specific No.
Note 1. : A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the products per bag. However, the quantity
for delivery will be changed according to the Specific No.
Note 2. : In regard to 2 to 5 contacts, the retainer fixed convex portions are located at both ends.
Note 3. : 2 to 7 contacts do not contain two convex portions, which is different from the above figure.
Note 4. : Styles of 2 to 4 contacts partially differ from the above figures.
* Refer to page B122 for retainer.
Part Number
Number of Contacts
A
B
CL No.
Note 3
Note 2
3
5
7
9
1 0
1
P = 2.5
B
A
Contact No.1 indicated
Contact No.1 indicated
Contact No. mark
Contact No. mark
Mold Cavity
No. mark
A
1 0
DF1EA –02EP–2.5C(**)
DF1EA –03EP–2.5C(**)
DF1EA –04EP–2.5C(**)
DF1EA –05EP–2.5C(**)
DF1EA –06EP–2.5C(**)
DF1EA –07EP–2.5C(**)
DF1EA –08EP–2.5C(**)
DF1EA –09EP–2.5C(**)
DF1EA –10EP–2.5C(**)
541 – 0957 – 5 – **
541 – 0958 – 8 – **
541 – 0959 – 0 – **
541 – 0960 – 0 – **
541 – 0961 – 2 – **
541 – 0962 – 5 – **
541 – 0963 – 8 – **
541 – 0964 – 0 – **
541 – 0965 – 3 – **
2
3
4
5
6
7
8
9
10
08.0
10.5
13.0
15.5
18.0
20.5
23.0
25.5
28.0
02.5
05.0
07.5
10.0
12.5
15.0
17.5
20.0
22.5
Photo: Contact Inserted


Similar Part No. - DF1EC-2P-2.5DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1EC-02P-2.5DSA HIROSE-DF1EC-02P-2.5DSA Datasheet
308Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 17 DF1EC-02P-2.5DSA(**) ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com