Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # BAS16
Description  Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAS16 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  BAS16 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAS16 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BAS16 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.02 20130322
BAS16
DEVICE CHARACTERISTICS
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (I
F ) of 10 mA.
Notes: 2. Input pulse is adjusted so I
R(peak) is equal to 10 mA.
Notes: 3. t
p » t rr
Figure 1. Recovery Time Equivalent Test Circuit
100
10
1.0
0.1
0.2
0.4
0.6
0.8
1.0
1.2
T
A= 85°C
T
A= 25°C
T
A= – 40°C
T
A = 150°C
T
A = 125°C
T
A = 85°C
T
A = 55°C
T
A = 25°C
010
20
30
40
50
10
1.0
0.1
0.01
0.001
02
4
6
8
2.0
V
F , FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
V
R , REVERSE VOLTAGE (VOLTS)
Figure 3. Leakage Current
V
R , REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
+10 V
2.0 k
820
100
µH
0.1
µF
D.U.T.
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
t
r
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
t
p
t
10%
90%
I
F
I
R
t
rr
t
i
R(REC) = 1.0 mA
OUTPUT PULSE
(I
F
= I
R
= 10 mA; MEASURED
at i
R(REC)
= 1.0 mA)
INPUT SIGNAL
I
F
V
R


Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BAS16 CHENYI-BAS16 Datasheet
49Kb / 2P
   350mW 100Volt Switching Diode
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Galaxy Semi-Conductor H...
BAS16 BILIN-BAS16 Datasheet
173Kb / 3P
   Surface mount switching diode
logo
NXP Semiconductors
BAS16 NXP-BAS16 Datasheet
150Kb / 20P
   High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
Rev. 05-25 August 2008
logo
Micro Commercial Compon...
BAS16 MCC-BAS16 Datasheet
80Kb / 2P
   350mW 100Volt Switching Diode
More results

Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com