Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3105A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3105A
Description  22 AWG stranded (7x30) tinned copper conductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3105A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3105A Datasheet HTML 1Page - List of Unclassifed Manufacturers 3105A Datasheet HTML 2Page - List of Unclassifed Manufacturers 3105A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
22 AWG stranded (7x30) tinned copper conductors, Datalene® insulation, twisted pairs, overall Beldfoil®
shield (100% coverage) plus a tinned copper braid (65% coverage), drain wire, UV resistant PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material Dia. (in.)
1
22
7x30
TC - Tinned Copper .030
Insulation
Insulation Material:
Insulation Trade Name Insulation Material
Datalene®
FHDPE - Foam High Density Polyethylene
Outer Shield
Outer Shield Material:
Layer # Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
1
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100.000
2
Braid TC - Tinned Copper
65.000
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
22
7x30
TC - Tinned Copper
Outer Shield Drain Wire Diameter:
.030
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cabling
Overall Nominal Diameter:
0.284 in.
Pair
Pair Color Code Chart:
Number Color
1
White/Blue Stripe and Blue/White Stripe
Pair Lay Length & Direction:
Lay Length (in.)
2.500
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +60°C
Non-UL Temperature Rating:
60°C
Bulk Cable Weight:
44 lbs/1000 ft.
Max. Recommended Pulling Tension:
60 lbs.
Min. Bend Radius (Install)/Minor Axis:
2.800 in.
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
3105A Multi-Conductor - EIA Industrial RS-485 PLTC/CM


Similar Part No. - 3105A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3105A BELDEN-3105A Datasheet
253Kb / 3P
   RS485, 1 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
3105A.001000 BELDEN-3105A.001000 Datasheet
253Kb / 3P
   RS485, 1 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
3105A.00152 BELDEN-3105A.00152 Datasheet
253Kb / 3P
   RS485, 1 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
3105A.001525 BELDEN-3105A.001525 Datasheet
253Kb / 3P
   RS485, 1 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
3105A.00305 BELDEN-3105A.00305 Datasheet
253Kb / 3P
   RS485, 1 Pr #22 Str TC, PO Ins, OSTC Brd, PVC Jkt, CM
More results

Similar Description - 3105A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345997 ETC2-1345997 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1346355 ETC2-1346355 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1351299 ETC2-1351299 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
3106A ETC2-3106A Datasheet
102Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
8723NH ETC2-8723NH Datasheet
113Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
28473 ETC2-28473 Datasheet
34Kb / 4P
   22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1344818 ETC2-1344818 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors, PVC insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com