Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF4-2P-2C Datasheet(PDF) 7 Page - Hirose Electric

Part # DF4-2P-2C
Description  2mm Pitch Connector Directly Mounted on Board
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF4-2P-2C Datasheet(HTML) 7 Page - Hirose Electric

  DF4-2P-2C Datasheet HTML 1Page - Hirose Electric DF4-2P-2C Datasheet HTML 2Page - Hirose Electric DF4-2P-2C Datasheet HTML 3Page - Hirose Electric DF4-2P-2C Datasheet HTML 4Page - Hirose Electric DF4-2P-2C Datasheet HTML 5Page - Hirose Electric DF4-2P-2C Datasheet HTML 6Page - Hirose Electric DF4-2P-2C Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
B176
BID Tool
BPrecautions
Type
Part Number
Objective Connector
Remarks
DF3-DF4 Table Insulation
SA701/DF3
DF3-*S-2R**
Desk top machine
Displacement Machine
903-4507-7
DF4-*P/PA-2R**
1. Recommended
Flow: 250ç for 3 seconds
1. Soldering Condition
Manual soldering: 290ç for 2 seconds
s If the cable neighboring the connector is bent and unstraightened, secure a large bending radius because the
Jacket will be broken by the solder heat and the contact wire will be exposed.The Jacket in this part will be tore.
s After the soldering process. If a stress is applied to the cable in the state where the connector and the
cable has heat inside, the Jacket hold area will be loosen. Therefore, carry out the post-soldering
operation after the connector has returned to the room temperature..
2. Cleaning Condition
Refer to Nylon Connector Use Hand book.
Don't use a solvent such ass trichloroethylene which invades the cable Jacket. In addition, avoid heat
cleaning by a solvent.
3. Connection Condition
Refer to the Nylon Connector Use Hand book.


Similar Part No. - DF4-2P-2C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF4-2P-2C HIROSE-DF4-2P-2C Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4-2P-2C HIROSE-DF4-2P-2C Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4-2P-2C HIROSE-DF4-2P-2C Datasheet
148Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4-2P-2C HIROSE-DF4-2P-2C_1 Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
More results

Similar Description - DF4-2P-2C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF4-2P-2C HIROSE-DF4-2P-2C_1 Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4 HIROSE-DF4 Datasheet
148Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4-2428PC05 HIROSE-DF4-2428PC05 Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF6-1P-3.96C HIROSE-DF6-1P-3.96C Datasheet
139Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
HIF2C-10DT-1.27R HIROSE-HIF2C-10DT-1.27R Datasheet
134Kb / 4P
   Staggered Connector Directly Mounted on Board
HIF12-040DT-1.27R HIROSE-HIF12-040DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
DF6 HIROSE-DF6 Datasheet
127Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
HIF2E-10D-2.54RB HIROSE-HIF2E-10D-2.54RB Datasheet
127Kb / 4P
   2.54mm Connector Directly Mounted on Board
MDF12-1822PCF HIROSE-MDF12-1822PCF Datasheet
111Kb / 4P
   Crimping Contact Directly Mounted on Board
HIF2E HIROSE-HIF2E Datasheet
131Kb / 4P
   2.54mm Connectors Directly Mounted on Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com