Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70006PU Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 70006PU
Description  Profinet Compliant Cables
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

70006PU Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  70006PU Datasheet HTML 1Page - List of Unclassifed Manufacturers 70006PU Datasheet HTML 2Page - List of Unclassifed Manufacturers 70006PU Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Mechanical Data – Profinet Type C
Part
Part
Part
Part
Number
Number
Number
Number
Conductor
Conductor
Conductor
Conductor
Polyolefin
Polyolefin
Polyolefin
Polyolefin
Insulation
Insulation
Insulation
Insulation
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
Bedding
Bedding
Bedding
Bedding
Material
Material
Material
Material
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
Braid
Braid
Braid
Braid
Coverage
Coverage
Coverage
Coverage
Sheath
Sheath
Sheath
Sheath
Material
Material
Material
Material
Sheath
Sheath
Sheath
Sheath
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
(Nom. Dia.)
70008PU
22AWG/19
1.63mm
PVC 4.30mm
>85%
PUR
6.50mm
Electrical Properties
ISO/IEC 11801 ed. 2.0, Cat5e
Max Operating Voltage
300V RMS
Test Voltage
2.5kV DC
Max Conductor Resistance @ 20
oC
57.1 Ohm / km
Transfer Impedance @ 10 MHz
< 40 mOhm / m
Nominal Velocity of Propagation
68%
Delay
< 5.3 ns / m
Impedance @ 1 – 100 MHz
100 +/- 15 Ohm
Frequency
Frequency
Frequency
Frequency
(MHz)
(MHz)
(MHz)
(MHz)
Insertion Loss
Insertion Loss
Insertion Loss
Insertion Loss
(dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
NEXT
NEXT
NEXT
NEXT
(dB)
(dB)
(dB)
(dB)
ELFEXT
ELFEXT
ELFEXT
ELFEXT
(dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
RETURN
RETURN
RETURN
RETURN
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
1
2.1
65
64
-
4
4
56
52
23
10
6.3
50
44
25
16
8
47
40
25
31.25
11.4
43
34
23.6
62.5
16.5
38
28
21.5
100
21.3
35
24
20.1
Mechanical, Physical and/or Environmental Characteristics
Flame Resistance
IEC60332-1
Oil Resistance
IEC 60811-2-1
Halogen Free
IEC 60754-1 / IEC 60754-2 (FRNC and PUR Cable Jacket)
Bending Radius / Setting Radius
10 x Diameter / 5 x Diameter
Temperature Range - Installation
- 5
oC to +50 oC
Temperature Range - Operating
-40
oC to +80 oC
Version 04 (02/11)
Foil + Braid
Bedding
Sheath (Green RAL 6018)
Conductor (22AWG/19 19x0.15mm stranded tinned copper)
Filler
Insulation


Similar Part No. - 70006PU

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
70006PU BELDEN-70006PU Datasheet
153Kb / 2P
   DataTuff® 5E, 1Q #22 Sol BC, PO ins, F/B, PUR jkt, PROFINET Type A
2022 Belden, Inc
70006PU.01305 BELDEN-70006PU.01305 Datasheet
153Kb / 2P
   DataTuff® 5E, 1Q #22 Sol BC, PO ins, F/B, PUR jkt, PROFINET Type A
2022 Belden, Inc
70006PU.01500 BELDEN-70006PU.01500 Datasheet
153Kb / 2P
   DataTuff® 5E, 1Q #22 Sol BC, PO ins, F/B, PUR jkt, PROFINET Type A
2022 Belden, Inc
More results

Similar Description - 70006PU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PB00034 ETC2-PB00034 Datasheet
4Mb / 4P
   DataTuff Cat 5e PROFINET Cables from Belden
logo
Festo Corporation.
8086607 FESTO-8086607 Datasheet
87Kb / 2P
   PROFINET Interface
logo
Pepperl+Fuchs Inc.
OHV-F230-B17 PF-OHV-F230-B17 Datasheet
285Kb / 2P
   PROFINET Gateway
logo
Schneider Electric
VW3A3327 SCHNEIDER-VW3A3327 Datasheet
183Kb / 1P
   Profinet - communication card
logo
Advantech Co., Ltd.
APAX-5071 ADVANTECH-APAX-5071 Datasheet
985Kb / 1P
   PROFINET Communication Coupler
logo
Schneider Electric
VW3A3627 SCHNEIDER-VW3A3627 Datasheet
91Kb / 2P
   Profinet communication module
Sep 18, 2021
logo
Pepperl+Fuchs Inc.
FB8222B.1.EL PF-FB8222B.1.EL Datasheet
830Kb / 3P
   Gateway for PROFINET
LB8122A.1.EL PF-LB8122A.1.EL Datasheet
484Kb / 3P
   Gateway for PROFINET
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
   Computer Cables Adapters Cables
logo
Ultralife Corporation.
CAXXXX ULTRALIFE-CAXXXX Datasheet
475Kb / 3P
   Cables
26 MAY 21 Rev: R
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com