Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3230A-15PC41 Datasheet(PDF) 6 Page - Hirose Electric

Part # 3230A-15PC41
Description  15-Pin Connectors for I/O Card Interfaces
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

3230A-15PC41 Datasheet(HTML) 6 Page - Hirose Electric

  3230A-15PC41 Datasheet HTML 1Page - Hirose Electric 3230A-15PC41 Datasheet HTML 2Page - Hirose Electric 3230A-15PC41 Datasheet HTML 3Page - Hirose Electric 3230A-15PC41 Datasheet HTML 4Page - Hirose Electric 3230A-15PC41 Datasheet HTML 5Page - Hirose Electric 3230A-15PC41 Datasheet HTML 6Page - Hirose Electric 3230A-15PC41 Datasheet HTML 7Page - Hirose Electric 3230A-15PC41 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image


Similar Part No. - 3230A-15PC41

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3230 POMONA-3230 Datasheet
25Kb / 1P
   Size B Aluminum Box With Cover BNC Female/Female
logo
List of Unclassifed Man...
3230 ETC2-3230 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Christian Bürkert GmbH ...
3230 BURKERT-3230 Datasheet
307Kb / 3P
   2/2 way Diaphragm Valve with plastic body, pneumatically operated, DN12 and 15
17.02.2020
logo
List of Unclassifed Man...
3230-06-0101-00 ETC2-3230-06-0101-00 Datasheet
52Kb / 1P
   INSULATOR MATERIAL: PBT, UL 94V-0
3230-08-0101-00 ETC2-3230-08-0101-00 Datasheet
52Kb / 1P
   INSULATOR MATERIAL: PBT, UL 94V-0
More results

Similar Description - 3230A-15PC41

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NX-09T-KT9 HIROSE-NX-09T-KT9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
logo
celduc-relais
EBS01000 CELDUC-EBS01000 Datasheet
99Kb / 4P
   Support Interfaces E/S DIN rail adaptor for I/O modules
logo
Contec Co., Ltd
ATP-32F CONTEC-ATP-32F Datasheet
238Kb / 1P
   BNC Connectors for Analog I/O Board
logo
Hirose Electric
RP34 HIROSE-RP34 Datasheet
623Kb / 12P
   Small I/O connectors for AC adapters
logo
Contec Co., Ltd
ATP-8L CONTEC-ATP-8L Datasheet
196Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-16E CONTEC-ATP-16E Datasheet
195Kb / 1P
   BNC Connectors for Analog I/O Board
ATP-8 CONTEC-ATP-8 Datasheet
286Kb / 1P
   BNC Connectors for Analog I/O Board
logo
Advantech Co., Ltd.
IPC-7120 ADVANTECH-IPC-7120_12 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
IPC-5120 ADVANTECH-IPC-5120_12 Datasheet
2Mb / 2P
   Desktop/Wallmount Chassis for MicroATX/ATX Motherboard with Front I/O Interfaces
IPC-5120 ADVANTECH-IPC-5120_15 Datasheet
1,004Kb / 2P
   Desktop/Wallmount Chassis with front I/O Interfaces for ATX/mATX Motherboard
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com