Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37471M2-XXXSP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M37471M2-XXXSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER ?
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37471M2-XXXSP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M37471M2-XXXSP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37471M2-XXXSP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37471M2-XXXSP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37471M2-XXXSP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37471M2-XXXSP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37471M2-XXXSP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37471M2-XXXSP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37471M2-XXXSP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37471M2-XXXSP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
7470/7471 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
FUNCTIONS OF 7470/7471 GROUP
Basic machine-language instructions
Instruction execution time
Clock input oscillation frequency
Memory size
Input/Output port
Serial I/O
Timers
A-D converter
Subroutine nesting
Interrupt
Clock generating circuit
Power source voltage
Power dissipation
Input/Output characters
Operating temperature range
Device structure
Package
Input/Output voltage
Output current
M37470M2/M4/M8/E4/E8-XXXSP
M37471M2/M4/M8/E4/E8-XXXSP
M37471M2/M4/M8/E4/E8-XXXFP
M37471E8SS
Functions
71
0.5
µs (the minimum instructions, at 8 MHz oscillation frequency)
8 MHz (max.)
4096 bytes
128 bytes
8192 bytes
192 bytes
16384 bytes
384 bytes
8-bit ! 2
8-bit ! 1 (4-bit ! 1 for 7470 group)
4-bit ! 2 (Port P5 is not included in 7470 group)
4-bit ! 1 (2-bit ! 1 for 7470 group)
8-bit ! 1
8-bit timer ! 4
8-bit ! 1 (8 channels) (8-bit ! 1 (4 channels) for M37470M2/M4/M8)
64 level max. (M37470M2, M37471M2)
96 level max. (M37470M4/E4, M37471M4/E4)
192 level max. (M37470M8/E8, M37471M8/E8)
5 external interrupts, 6 internal interrupts, 1 software interrupt
Built-in circuit with internal feedback resistor (a ceramic or a quartz-
crystal oscillator)
2.7 to 4.5 V (at 2.2VCC–2.0 MHz oscillation frequency),
4.5 to 5.5 V (at 8 MHz oscillation frequency)
35 mW (at 8 MHz oscillation frequency)
5 V
–5 to 10 mA (P0, P1, P2, P4 : CMOS tri-states)
–20 to 85
°C
CMOS silicon gate
32-pin shrink plastic molded DIP
42-pin shrink plastic molded DIP
56-pin plastic molded QFP
42-pin ceramic DIP
ROM
RAM
ROM
RAM
ROM
RAM
I/O
I/O
Input
I/O
Parameter
M37470M2
M37471M2
M37470M4/E4
M37471M4/E4
M37470M8/E8
M37471M8/E8
P0, P1
P2
P3, P5
P4


Similar Part No. - M37471M2-XXXSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37471M2-XXXSP RENESAS-M37471M2-XXXSP Datasheet
678Kb / 47P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37471M2-XXXSP RENESAS-M37471M2-XXXSP Datasheet
4Mb / 361P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
M37471M2-XXXSP RENESAS-M37471M2-XXXSP Datasheet
4Mb / 354P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
More results

Similar Description - M37471M2-XXXSP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com