Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37735M4LXXXHP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M37735M4LXXXHP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37735M4LXXXHP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M37735M4LXXXHP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37735M4LXXXHP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37735M4LXXXHP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37735M4LXXXHP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37735M4LXXXHP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37735M4LXXXHP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37735M4LXXXHP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37735M4LXXXHP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37735M4LXXXHP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
MITSUBISHI MICROCOMPUTERS
M37735M4LXXXHP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
A-D/UART2 trans./rece.
Timer B2
Timer B1
Timer B0
Timer A4
Timer A3
Timer A2
Timer A1
Timer A0
INT2
/Key input
INT0
Watchdog timer
DBC
BRK instruction
Zero divide
RESET
Internal peripheral
devices
control registers
refer to Fig. 2 for
detail information
Interrupt vector table
00000016
00FFFF16
01000016
01FFFF16
Bank 016
Bank 116
FE000016
FEFFFF16
FF000016
FFFFFF16
Bank FF16
Bank FE16
00FFFF16
00800016
00000016
00007F16
00008016
Internal RAM
2048 bytes
Internal ROM
32 Kbytes
00FFFE16
00FFD616
00007F16
00000016
UART1 transmission
UART1 receive
UART0 transmission
UART0 receive
INT1
00087F16
00FFD616
Notes 1. Internal ROM area can be modified. (Refer to the section on ROM area modification function.)
2. Banks 1016 – FF16 cannot be accessed in the 7735 group.
BASIC FUNCTION BLOCKS
The M37735M4LXXXHP has the same fuanctions as the
M37735MHBXXXFP except for the memory allocation, the reset
circuit, the ROM area modification function, and the package.
Refer to the section on the M37735MHBXXXFP.
MEMORY
The memory map is shown in Figure 1. The address space has a
capacity of 16 Mbytes and is allocated to addresses from 016 to
FFFFFF16. The address space is divided by 64-Kbyte unit called bank.
The banks are numbered from 016 to FF16.
However, banks 1016 – FF16 of the 7735 group cannot be accessed.
Built-in ROM, RAM and control registers for internal peripheral devices
are assigned to bank 016.
The 32-Kbyte area from addresses 800016 to FFFF16 is the built-in
ROM. Addresses FFD616 to FFFF16 are the RESET and interrupt
vector addresses and contain the interrupt vectors. Refer to the section
on interrupts for details.
The 2048-byte area allocated to addresses from 8016 to 87F16 is the
built-in RAM. In addition to storing data, the RAM is used as stack
during a subroutine call or interrupts.
Peripheral devices such as I/O ports, A-D converter, serial I/O, timer,
and interrupt control registers are allocated to addresses from 016 to
7F16.
Additionally, the internal ROM area can be modified by software. Refer
to the section on ROM area modification function for details.
A 256-byte direct page area can be allocated anywhere in bank 016
by using the direct page register (DPR). In the direct page addressing
mode, the memory in the direct page area can be accessed with two
words. Hence program steps can be reduced.
Fig. 1 Memory map


Similar Part No. - M37735M4LXXXHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37735M4LXXXHP RENESAS-M37735M4LXXXHP Datasheet
456Kb / 32P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37735M4LXXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com