Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV70-A Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # BAV70-A
Description  Monolithic Dual Switching Diode Common Cathode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BAV70-A Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  BAV70-A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BAV70-A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BAV70-A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.02 20120305
DEVICE CHARACTERISTICS
100
0.2
0.4
VF, FORWARD VOLTAGE (VOLTS)
0.6
0.8
1.0
1.2
10
1.0
0.1
TA = 85°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
10
20
30
40
50
1.5
0
VR, REVERSE VOLTAGE (VOLTS)
24
6
8
Figure 2. Forward Voltage
Figure 3. Leakage Current
Figure 4. Capacitance
TA = -40°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 55°C
TA = 25°C
BAV70-A


Similar Part No. - BAV70-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BAV70-A4 ETC2-BAV70-A4 Datasheet
101Kb / 2P
   Fast Switching Speed
logo
MAKO SEMICONDUCTOR CO.,...
BAV70-A4 MAKOSEMI-BAV70-A4 Datasheet
101Kb / 2P
   Fast Switching Speed
logo
Pan Jit International I...
BAV70-AU PANJIT-BAV70-AU Datasheet
248Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAV70-AU_A0_00001 PANJIT-BAV70-AU_A0_00001 Datasheet
248Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAV70-AU_A1_00001 PANJIT-BAV70-AU_A1_00001 Datasheet
248Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
More results

Similar Description - BAV70-A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV70LT1 ONSEMI-BAV70LT1 Datasheet
55Kb / 4P
   Monolithic Dual Switching Diode Common Cathode
November, 2001 ??Rev. 2
logo
Leshan Radio Company
BAV70LT1 LRC-BAV70LT1 Datasheet
27Kb / 1P
   Monolithic Dual Switching Diode Common Cathode
LBAV70LT1 LRC-LBAV70LT1 Datasheet
62Kb / 3P
   Monolithic Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70DXV6T1 ONSEMI-BAV70DXV6T1 Datasheet
92Kb / 8P
   Monolithic Dual Switching Diode Common Cathode
March, 2006 ??Rev. 2
logo
Zowie Technology Corpor...
BAV70 ZOWIE-BAV70 Datasheet
50Kb / 2P
   MONOLITHIC DUAL SWITCHING DIODE COMMON CATHODE
logo
Yea Shin Technology Co....
BAV70 YEASHIN-BAV70 Datasheet
639Kb / 3P
   Monolithic Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70DXV6 ONSEMI-BAV70DXV6 Datasheet
62Kb / 4P
   Monolithic Dual Switching Diode Common Cathode
April, 2015 ??Rev. 6
logo
Motorola, Inc
MSD6100 MOTOROLA-MSD6100 Datasheet
64Kb / 4P
   Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70L ONSEMI-BAV70L Datasheet
94Kb / 4P
   Dual Switching Diode Common Cathode
October, 2016 ??Rev. 12
BAV70W ONSEMI-BAV70W Datasheet
65Kb / 5P
   Dual Switching Diode Common Cathode
April, 2015 ??Rev. 8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com