Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF3A-5S-2C Datasheet(PDF) 5 Page - Hirose Electric

Part # DF3A-5S-2C
Description  2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF3A-5S-2C Datasheet(HTML) 5 Page - Hirose Electric

  DF3A-5S-2C Datasheet HTML 1Page - Hirose Electric DF3A-5S-2C Datasheet HTML 2Page - Hirose Electric DF3A-5S-2C Datasheet HTML 3Page - Hirose Electric DF3A-5S-2C Datasheet HTML 4Page - Hirose Electric DF3A-5S-2C Datasheet HTML 5Page - Hirose Electric DF3A-5S-2C Datasheet HTML 6Page - Hirose Electric DF3A-5S-2C Datasheet HTML 7Page - Hirose Electric DF3A-5S-2C Datasheet HTML 8Page - Hirose Electric DF3A-5S-2C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
A257
Note 1.
Mark to determine the socket name
Mark6: R26, Mark8: R28
This picture shows the cable
assembled status.
sID Socket
[Specific No.]–* *, (* *)
Blank
: Tin plated, 100 pieces per bag
(01)
: Gold plated, 100 pieces per bag
(20)
: Tin plated, Tube packaging
Part Number
CL No.
Number of
AB
Tube packaging
Contacts
Quantity
DF3- 2S-2R26(**)
543-0078-7-**
262
190 pieces
DF3- 3S-2R26(**)
543-0079-0-**
3
8
4
142
DF3- 4S-2R26(**)
543-0080-9-**
4
10
6
114
DF3- 5S-2R26(**)
543-0081-1-**
5128
094
DF3- 6S-2R26(**)
543-0082-4-**
614
10
080
DF3- 7S-2R26(**)
543-0083-7-**
716
12
070
DF3- 8S-2R26(**)
543-0084-0-**
818
14
062
DF3- 9S-2R26(**)
543-0085-2-**
920
16
056
DF3-10S-2R26(**)
543-0086-5-**
10
22
18
052
DF3-11S-2R26(**)
543-0087-8-**
11
24
20
046
DF3-12S-2R26(**)
543-0088-0-**
12
26
22
044
DF3-13S-2R26(**)
543-0089-3-**
13
28
24
040
DF3-14S-2R26(**)
543-0090-2-**
14
30
26
038
DF3-15S-2R26(**)
543-0091-5-**
15
32
28
034
Part Number
CL No.
Number of
AB
Tube packaging
Contacts
Quantity
DF3- 2S-2R28(**)
543-0092-8-**
262
190 pieces
DF3- 3S-2R28(**)
543-0093-0-**
384
142
DF3- 4S-2R28(**)
543-0094-3-**
4
10
6
114
DF3- 5S-2R28(**)
543-0095-6-**
5128
094
DF3- 6S-2R28(**)
543-0096-9-**
614
10
080
DF3- 7S-2R28(**)
543-0097-1-**
716
12
070
DF3- 8S-2R28(**)
543-0098-4-**
818
14
062
DF3- 9S-2R28(**)
543-0099-7-**
920
16
056
DF3-10S-2R28(**)
543-0100-4-**
10
22
18
052
DF3-11S-2R28(**)
543-0101-7-**
11
24
20
046
DF3-12S-2R28(**)
543-0102-0-**
12
26
22
044
DF3-13S-2R28(**)
543-0103-2-**
13
28
24
040
DF3-14S-2R28(**)
543-0104-5-**
14
30
26
038
DF3-15S-2R28(**)
543-0105-8-**
15
32
28
034
Unit: mm
Unit: mm
qAWG26
qAWG28
Unit: mm
Note 2.The quantity for delivery of the specific No. "None" and (01) is determined per bag (100pcs.). If needed, please order the
productsper bag.
Note 3.If the Full automatic IDC machine to hit the DF11 single core,the (20) tube packaging specification will be applied.
Note 4.Order the tube packaging product, multiplying the tube packaging quantity (pieces).
sApplicable Cable
Part Number
Applicable Cable
Jacket Diameter
DF3-
*S-2R26
UL1061 AWG26 (7/0.16)
Ø0.9 to 1mm
DF3-
*S-2R28
UL1061 AWG28
(7/0.127)
Ø0.9 to 1mm
sApplicable ID Connection Tool
Type
Part Number
Connection Type
Remarks
s Effective Harness Form
1DF11-Both ended, single ended
DF11 Single Contact Punching
2DF11-DF11, Separation
Connector is the
Full Automatic ID Machine
AM700/DF11
3DF11-DF3, Separation
specification (20).
s Effective Harness Length
Tube packaging applied
100 to 2,000mm
s Conduction Inspection Mechanism Installed
DF3 DF4 Desktop ID Machine
DF3(4)/ID-MO
DF3 No restriction
Desktop machine for small lot
DF4 No restriction


Similar Part No. - DF3A-5S-2C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3A-5P-2DS HIROSE-DF3A-5P-2DS Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3A-5P-2DS ETC2-DF3A-5P-2DS Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Hirose Electric
DF3A-5P-2DSA HIROSE-DF3A-5P-2DSA Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-5P-2DSA HIROSE-DF3A-5P-2DSA Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3A-5P-2DSA HIROSE-DF3A-5P-2DSA Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results

Similar Description - DF3A-5S-2C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3DZ-2P-2H51 HIROSE-DF3DZ-2P-2H51 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
Hirose Electric
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com