Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM384P120T800ACR Datasheet(PDF) 7 Page - Vicor Corporation

Part # BCM384P120T800ACR
Description  Fixed Ratio DC-DC Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM384P120T800ACR Datasheet(HTML) 7 Page - Vicor Corporation

Back Button BCM384P120T800ACR Datasheet HTML 3Page - Vicor Corporation BCM384P120T800ACR Datasheet HTML 4Page - Vicor Corporation BCM384P120T800ACR Datasheet HTML 5Page - Vicor Corporation BCM384P120T800ACR Datasheet HTML 6Page - Vicor Corporation BCM384P120T800ACR Datasheet HTML 7Page - Vicor Corporation BCM384P120T800ACR Datasheet HTML 8Page - Vicor Corporation BCM384P120T800ACR Datasheet HTML 9Page - Vicor Corporation BCM384P120T800ACR Datasheet HTML 10Page - Vicor Corporation BCM384P120T800ACR Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
BCM® Bus Converter
Rev 1.2
vicorpower.com
Page 7 of 25
07/2015
800 927.9474
BCM384x120y800ACz
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powetrain SECONDARY to PRIMARY Specification (Reverse Direction)
Secondary Input Voltage range,
continuous
VSEC_DC
8.1
12.8
V
SEC to PRI No Load Power
Dissipation
PSEC_NL
VSEC_DC = 12 V, TINTERNAL = 25ºC
9.3
13
W
VSEC_DC = 12 V
5
20
VSEC_DC = 8.1 V to 12.8 V, TINTERNAL = 25ºC
16
VSEC_DC = 8.1 V to 12.8 V
22
DC Secondary Input Current
ISEC_IN_DC
At IPRI_DC = 2.1 A, TINTERNAL ≤ 100ºC
70
A
Primary Ouptut Power (continuous)
PPRI_OUT_DC
Specified at VSEC_DC = 12.8 V
800
W
Primary Output Power (pulsed)
PPRI_OUT_PULSE
Specified at VSEC_DC = 12.8 V; 10 ms pulse,
25% Duty cycle, PPRI_AVG = 50% rated PPRI_OUT_DC
1100
W
Primary Output Current (continuous)
IPRI_OUT_DC
2.1
A
Primary Output Current (pulsed)
IPRI_OUT_PULSE
10 ms pulse, 25% Duty cycle,
IPRI_OUT_AVG = 50% rated IPRI_OUT_DC
2.9
A
SEC to PRI Efficiency (ambient)
ηAMB
VSEC_DC = 12 V, IPRI_OUT_DC = 2.1 A
96.2
97.2
%
VSEC_DC = 8.1 V to 12.8 V, IPRI_OUT_DC= 2.1 A
95.6
VSEC_DC = 12 V, IPRI_OUT_DC = 1.05 A
96.3
97
SEC to PRI Efficiency (hot)
ηHOT
VSEC_DC = 12 V, IPRI_OUT_DC = 2.1 A
96
97
%
SEC to PRI Efficiency (over load
range)
η20%
0.42 A < IPRI_OUT_DC < 2.1 A
90
%
SEC to PRI Output Resistance
RPRI_COLD
VSEC_DC = 12 V, IPRI_OUT_DC = 2.1 A, TINTERNAL = -40°C
3000
3300
3600
RPRI_AMB
VSEC_DC = 12 V, IPRI_OUT_DC = 2.1 A
3600
3950
4300
RPRI_HOT
VSEC_DC = 12 V, IPRI_OUT_DC = 2.1 A, TINTERNAL = 100°C
4300
4600
4900
Primary Output Voltage Ripple
VPRI_OUT_PP
CPRI_OUT_EXT = 0
µF, IPRI_OUT_DC = 2.1 A,
VSEC_DC = 12 V, 20 MHz BW
6700
mV
TINTERNAL ≤ 100ºC
9600
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.


Similar Part No. - BCM384P120T800ACR

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM384P120T800ACR VICOR-BCM384P120T800ACR Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384P120T800ACR VICOR-BCM384P120T800ACR Datasheet
574Kb / 14P
   Analog HV and LV 6123 ChiP BCM짰 Bus Converter Evaluation Board User Guide
More results

Similar Description - BCM384P120T800ACR

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com