Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPDCC0004 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0004
Description  Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0004 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0004_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0004_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0004_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPDCC0004_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAPDCC0004_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Low Cost Two-Way SMT Power
Divider, 1700 - 1900 MHz
Rev. V3
MAPDCC0004
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Small Size and Low Profile
 Industry Standard SOIC-8 SMT Plastic Package
 Superior Repeatability
 Excellent Amplitude Balance: 0.05 dB Typical
 Excellent Insertion Loss: 0.3 dB Typical
 Low Cost
 DCS-1800 Frequency Coverage
 Lead-Free SOIC-8 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of DS52-0005
Description
M/A-COM’s
MAPDCC0004
is
an
IC-based
monolithic power divider in a low cost SOIC-8 plastic
package. This 2-way power splitter is ideally suited
for applications where small size, low profile and low
cost, without sacrificing performance are required.
Typical applications include base station, portables
and PCMCIA cards for DCS-1800 European applica-
tions. Available in tape and reel.
The MAPDCC0004 is fabricated using a passive-
integrated circuit process. The process features full-
chip passivation for increased performance and
reliability.
Ordering Information
Part Number
Package
MAPDCC0004
Bulk Packaging
MAPDCC0004TR
1000 piece reel
MAPDCC0004-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Block Diagram
Pin Configuration
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin No.
Function
1
GND
2
RF-IN
3
GND
4
GND
5
RF-1 (out)
6
GND
7
GND
8
RF-2 (out)


Similar Part No. - MAPDCC0004_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCC0004-TB MACOM-MAPDCC0004-TB Datasheet
244Kb / 4P
   Low Cost Two-Way SMT Power Dvider, 1700-1900 MHz
logo
M/A-COM Technology Solu...
MAPDCC0004-TB MA-COM-MAPDCC0004-TB Datasheet
116Kb / 4P
   Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
logo
Tyco Electronics
MAPDCC0004TR MACOM-MAPDCC0004TR Datasheet
244Kb / 4P
   Low Cost Two-Way SMT Power Dvider, 1700-1900 MHz
logo
M/A-COM Technology Solu...
MAPDCC0004TR MA-COM-MAPDCC0004TR Datasheet
116Kb / 4P
   Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
More results

Similar Description - MAPDCC0004_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS52-0005 MA-COM-DS52-0005 Datasheet
117Kb / 4P
   Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
logo
Tyco Electronics
DS52-0005 MACOM-DS52-0005 Datasheet
83Kb / 2P
   Low Cost Two-Way SMT Power Divider 1700 - 1900 MHz
logo
M/A-COM Technology Solu...
MAPDCC0004 MA-COM-MAPDCC0004 Datasheet
116Kb / 4P
   Low Cost Two-Way SMT Power Divider, 1700 - 1900 MHz
logo
Tyco Electronics
MAPDCC0004 MACOM-MAPDCC0004 Datasheet
244Kb / 4P
   Low Cost Two-Way SMT Power Dvider, 1700-1900 MHz
logo
M/A-COM Technology Solu...
DS52-0014 MA-COM-DS52-0014 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
logo
Tyco Electronics
DS52-0014 MACOM-DS52-0014 Datasheet
600Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 1700-2000MHz
logo
M/A-COM Technology Solu...
DS56-0006 MA-COM-DS56-0006 Datasheet
95Kb / 4P
   Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
logo
Tyco Electronics
DS56-0006 MACOM-DS56-0006 Datasheet
75Kb / 2P
   Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAPDCC0020 MA-COM-MAPDCC0020 Datasheet
92Kb / 4P
   Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com