Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPDCC0009-TB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0009-TB
Description  Low Cost Four-Way GMIC SMT Power Divider 824 ??960 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0009-TB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0009-TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0009-TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0009-TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPDCC0009-TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAPDCC0009-TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Cost Four-Way GMIC SMT Power Divider
824 – 960 MHz
Rev. V2
MAPDCC0009
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = +25°C, Z0 = 50
Parameter
Units
Min
Typ
Max
Insertion Loss Above 6.0 dB
dB
0.8
1.1
Isolation
dB
20
24
VSWR Input
Output
1.4:1
1.25:1
1.7:1
1.5:1
Amplitude Balance
dB
0.3
0.6
Phase Balance
°
3
6
Recommended PCB Configuration
Absolute Maximum Ratings 2,3
Parameter
Absolute Maximum
Input Power4
1W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
3.
M/A-COM does not recommend sustained operation near
these survivability limits.
4.
With internal load dissipation of 0.125 W maximum.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
GMIC Circuits are sensitive to electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these devices.
RF OUT
RF OUT
RF OUT
RF IN
PLATED THRU
PLATED THRU
RF OUT
.244
.072
.000
.030
TYP.
.016
12X °
.050
2X °


Similar Part No. - MAPDCC0009-TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCC0009-TB MA-COM-MAPDCC0009-TB Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
More results

Similar Description - MAPDCC0009-TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0005 MACOM-DS54-0005 Datasheet
45Kb / 2P
   Low Cost Four-Way GMIC SMT Power Divider 824 . 960 MHz
logo
M/A-COM Technology Solu...
DS54-0005 MA-COM-DS54-0005 Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0009 MA-COM-MAPDCC0009 Datasheet
80Kb / 4P
   Low Cost Four-Way GMIC SMT Power Divider 824 - 960 MHz
logo
Tyco Electronics
MAPDCC0011 MACOM-MAPDCC0011 Datasheet
155Kb / 3P
   Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz
logo
M/A-COM Technology Solu...
DS52-0008 MA-COM-DS52-0008 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0021 MA-COM-MAPDCC0021_15 Datasheet
530Kb / 4P
   Low Cost Eight-Way GMIC SMT Power Divider 824 ??960 MHz
logo
Tyco Electronics
DS58-0001 MACOM-DS58-0001 Datasheet
36Kb / 2P
   Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
logo
M/A-COM Technology Solu...
DS58-0001 MA-COM-DS58-0001 Datasheet
77Kb / 3P
   Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
78Kb / 3P
   Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
   Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com