Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPRST0912-50 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAPRST0912-50
Description  NPN Silicon Microwave Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPRST0912-50 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAPRST0912-50_13 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPRST0912-50_13 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPRST0912-50_13 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPRST0912-50_13 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Avionics Pulsed Power Transistor
50 W, 960 - 1215 MHz, 10 µs Pulse, 10% Duty
Rev. V1
MAPRST0912-50
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
4
Test Fixture Circuit Dimensions


Similar Part No. - MAPRST0912-50_13

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPRST0912-50 MA-COM-MAPRST0912-50_17 Datasheet
674Kb / 5P
   Avionics Pulsed Power Transistor
More results

Similar Description - MAPRST0912-50_13

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF1004MB MACOM-MRF1004MB Datasheet
101Kb / 5P
   MICROWAVE POWER TRANSISTORS NPN SILICON
MRF1000MB MACOM-MRF1000MB Datasheet
104Kb / 4P
   MICROWAVE POWER TRANSISTORS NPN SILICON
logo
NXP Semiconductors
PTB32001X PHILIPS-PTB32001X Datasheet
66Kb / 12P
   NPN microwave power transistors
1997 Feb 18
MX0912B100Y PHILIPS-MX0912B100Y Datasheet
98Kb / 12P
   NPN microwave power transistors
1997 Feb 20
PTB23001X PHILIPS-PTB23001X Datasheet
99Kb / 12P
   NPN microwave power transistors
1997 Feb 19
PZ1418B30U PHILIPS-PZ1418B30U Datasheet
131Kb / 16P
   NPN microwave power transistors
1997 Feb 19
LBE2003S PHILIPS-LBE2003S Datasheet
126Kb / 16P
   NPN microwave power transistors
1997 Mar 03
RX1214B80W PHILIPS-RX1214B80W Datasheet
87Kb / 12P
   NPN microwave power transistors
1997 Feb 14
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Tyco Electronics
MRF10350 MACOM-MRF10350 Datasheet
147Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com