Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-000834_13560T Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-000834_13560T
Description  HMIC PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-000834_13560T Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW-000834_13560T_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-000834_13560T_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-000834_13560T_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-000834_13560T_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-000834_13560T_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-000834_13560T_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-000834_13560T_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-000834_13560T_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MASW-000834_13560T_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
HMICTM PIN Diode SPDT 50 Watt Switch for
0.05 - 6.0 GHz Higher Power Applications
Rev. V8
MASW-000834-13560T
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Electrical Specifications at +25°C, Characteristic Impedance, 20mA / 5V, Z0 = 50 Ω
Parameter
Symbol
20mA / 5V Conditions
Units
Min.
Typ.
Max.
F = 2.3-2.7 GHz
Insertion Loss, RX
RX
IL
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
0.46
0.84
Insertion Loss, TX
TX
IL
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
0.35
0.525
Isolation, ANT To RX
RX
ISO
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
40.2
41.2
Isolation, ANT To TX
TX
ISO
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
16.2
18.6
Input Return Loss, TX
TX
RL
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
30.5
Input Return Loss, RX
RX
RL
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
22.9
F = 3.3-3.8 GHz
Insertion Loss, RX
RX
IL
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
0.56
1.0
Insertion Loss, TX
TX
IL
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
0.38
0.575
Isolation, ANT To RX
RX
ISO
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
33.7
35.9
Isolation, ANT To TX
TX
ISO
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
13.6
16.1
Input Return Loss, TX
TX
RL
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
27.4
Input Return Loss, RX
RX
RL
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
21.9
F = 4.9-5.9 GHz
Insertion Loss, RX
RX
IL
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
0.78
Insertion Loss, TX
TX
IL
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
0.52
Isolation, ANT To RX
RX
ISO
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
26.4
Isolation, ANT To TX
TX
ISO
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
11.8
Input Return Loss, TX
TX
RL
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
20.3
Input Return Loss, RX
RX
RL
See Bias Table 1, pg. 10,
Pinc= 0 dBm
dB
24.2


Similar Part No. - MASW-000834_13560T_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000834_13560T_V8 MA-COM-MASW-000834_13560T_V8 Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
More results

Similar Description - MASW-000834_13560T_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
255Kb / 12P
   HMICTM PIN Diode SPDT 50 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000822-12770T MA-COM-MASW-000822-12770T_15 Datasheet
812Kb / 6P
   HMIC PIN Diode SP2T 10 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000936 MA-COM-MASW-000936_15 Datasheet
650Kb / 8P
   PIN Diode SPDT 120 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
Tyco Electronics
MASW-000822-12770T MACOM-MASW-000822-12770T Datasheet
215Kb / 10P
   HMICTM PIN Diode SP2T 8 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
M/A-COM Technology Solu...
MASW-000822-1277OT MA-COM-MASW-000822-1277OT Datasheet
215Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
209Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
California Eastern Labs
UPG2422TK CEL-UPG2422TK_09 Datasheet
770Kb / 16P
   SPDT Switch for 0.05 GHz to 6.0 GHz
UPG2415T6X CEL-UPG2415T6X Datasheet
434Kb / 10P
   0.05 to 6.0 GHz SPDT SWITCH
UPG2415T6X CEL-UPG2415T6X_09 Datasheet
434Kb / 10P
   0.05 to 6.0 GHz SPDT SWITCH
logo
Renesas Technology Corp
UPG2422TK RENESAS-UPG2422TK Datasheet
275Kb / 17P
   GaAs Integrated Circuit SPDT Switch for 0.05 GHz to 6.0 GHz
Jan 20, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com