Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-008206-000DIE Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-008206-000DIE
Description  GaAs WLAN Dual SPDT Switch 2.4 - 5.8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008206-000DIE Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW-008206-000DIE_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008206-000DIE_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008206-000DIE_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008206-000DIE_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-008206-000DIE_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-008206-000DIE_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GaAs WLAN Dual SPDT Switch
2.4 - 5.8 GHz
Rev. V3
MASW-008206-000DIE
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
RX Insertion Loss
TX Insertion Loss
TX Isolation
RX Isolation
Typical Performance Curves: 2.4-2.5 GHz (plots = chip on board assembly)
0.7
0.8
0.9
1.0
1.1
2.40
2.42
2.44
2.46
2.48
2.50
+25°C
-40°C
+85°C
Frequency (GHz)
0.7
0.8
0.9
1.0
1.1
2.40
2.42
2.44
2.46
2.48
2.50
+25°C
-40°C
+85°C
Frequency (GHz)
32
33
34
35
36
2.40
2.42
2.44
2.46
2.48
2.50
+25°C
-40°C
+85°C
Frequency (GHz)
32
33
34
35
36
2.40
2.42
2.44
2.46
2.48
2.50
+25°C
-40°C
+85°C
Frequency (GHz)


Similar Part No. - MASW-008206-000DIE_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008206-000DIE MA-COM-MASW-008206-000DIE Datasheet
94Kb / 5P
   GaAs WLAN Dual SPDT Switch 2.4 - 5.8 GHz
More results

Similar Description - MASW-008206-000DIE_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008206-000DIE MA-COM-MASW-008206-000DIE Datasheet
94Kb / 5P
   GaAs WLAN Dual SPDT Switch 2.4 - 5.8 GHz
MASW-008206 MA-COM-MASW-008206 Datasheet
90Kb / 5P
   GaAs WLAN Dual SPDT Switch
MASW-008206 MA-COM-MASW-008206_15 Datasheet
90Kb / 5P
   GaAs WLAN Dual SPDT Switch
MASW-008902-000DIE MA-COM-MASW-008902-000DIE Datasheet
244Kb / 5P
   Bumped GaAs SP3T Switch for WLAN 2.4 - 2.5 GHz
logo
Filtronic Compound Semi...
FMS2006 FILTRONIC-FMS2006 Datasheet
134Kb / 4P
   DC- 6 GHz SPDT WLAN GaAs Low Loss Switch
FMS2021 FILTRONIC-FMS2021 Datasheet
120Kb / 4P
   DC- 6 GHz SPDT WLAN GaAs Low Loss Switch
logo
Hittite Microwave Corpo...
HMC310MS8G HITTITE-HMC310MS8G_09 Datasheet
192Kb / 6P
   BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
HMC310MS8G HITTITE-HMC310MS8G Datasheet
187Kb / 6P
   BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
HMC310MS8G HITTITE-HMC310MS8G_07 Datasheet
227Kb / 6P
   BLUETOOTH & 2.4 GHz WLAN GaAs MMIC TRANSCEIVER
logo
California Eastern Labs
UPG2035T5F CEL-UPG2035T5F Datasheet
592Kb / 12P
   BROADBAND GaAs MMIC DPDT SWITCH FOR 2.4 GHz AND 5 GHz WLAN
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com