Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAVR-000082-0287AT Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAVR-000082-0287AT
Description  Surface Mount Hyperabrupt Wide-Band Tuning Varactors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAVR-000082-0287AT Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAVR-000082-0287AT Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAVR-000082-0287AT Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAVR-000082-0287AT Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAVR-000082-0287AT Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
Rev. V8
MAVR-0000xx Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Cost
 Very High Capacitance Ratio from 1 to 8 Volts
 Surface Mount Package
 High Quality Factor
 Useful for Battery Applications
 SPC Monitored Ion Implantation for Excellent
C-V Repeatability
 Available in Tape and Reel
 Lead-Free
 RoHS* Compliant
Description
The MAVR-000079 - 83 series of silicon hyperabrupt
junction tuning varactors is produced with ion
implantation
and
advanced
epitaxial
growth
techniques. These diodes have thermal oxide
passivation, and feature very high capacitance ratio
and quality factor. They are well suited for use from
the sub-HF through UHF frequency range. The
standard capacitance tolerance is ±10%, with tighter
tolerances available. Capacitance matching at one
or more bias voltages is also available. These
diodes are offered with standard Sn/Pb plating, as
well as 100% matte Sn plating.
Applications
This series of hyperabrupt junction tuning varactors
is suggested for usage where a large frequency
change is required with only a small change in
tuning voltage. This series is appropriate for usage
in wide band voltage controlled oscillators and
voltage controlled filters which require the largest
rate of change of capacitance with voltage. The
large change in capacitance from 1 to 8 volts makes
them very attractive for battery operated or other
systems with limited available control voltage. This
varactor series can be used in VCO’s and VTF’s
from approximately 100 KHz through the UHF
frequency band.
Part Number
Single Configuration
MAVR-000079-0287FT
tape and reel
MAVR-000080-0287AT
tape and reel
MAVR-000081-0287AT
tape and reel
MAVR-000082-0287AT
tape and reel
MAVR-000083-0287AT
tape and reel
SOT-23 (ODS-287)
Ordering Information
single
common cathode


Similar Part No. - MAVR-000082-0287AT

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAVR-000120-12030W MA-COM-MAVR-000120-12030W Datasheet
138Kb / 3P
   GaAs Constant Gamma Flip-Chip Varactor Diode
MAVR-000120-12030W MA-COM-MAVR-000120-12030W Datasheet
545Kb / 4P
   GaAs Constant Gamma Flip-Chip Varactor Diode
logo
Tyco Electronics
MAVR-000120-1411 MACOM-MAVR-000120-1411 Datasheet
198Kb / 5P
   Solderable GaAs Constant Gamma Flip-Chip Varactor Diode
logo
M/A-COM Technology Solu...
MAVR-000120-1411 MA-COM-MAVR-000120-1411 Datasheet
197Kb / 4P
   Solderable GaAs Constant Gamma Flip-Chip
logo
Tyco Electronics
MAVR-000120-14110G MACOM-MAVR-000120-14110G Datasheet
198Kb / 5P
   Solderable GaAs Constant Gamma Flip-Chip Varactor Diode
More results

Similar Description - MAVR-000082-0287AT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST079 MACOM-MA4ST079_1 Datasheet
96Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
M/A-COM Technology Solu...
MA4ST079-083 MA-COM-MA4ST079-083_15 Datasheet
98Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
Tyco Electronics
MA4ST079 MACOM-MA4ST079 Datasheet
86Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
M/A-COM Technology Solu...
MA4ST079 MA-COM-MA4ST079 Datasheet
98Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST079-083 MA-COM-MA4ST079-083 Datasheet
98Kb / 3P
   Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1231 SKYWORKS-SMV1231 Datasheet
179Kb / 7P
   Hyperabrupt Tuning Varactors
logo
Alpha Industries
SMV1247 ALPHA-SMV1247 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
SMV1232 ALPHA-SMV1232 Datasheet
42Kb / 4P
   Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1247 SKYWORKS-SMV1247 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com