Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPT1015B Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # NPT1015B
Description  GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT1015B Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button NPT1015B Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT1015B Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT1015B Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT1015B Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT1015B Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT1015B Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. NPT1015B Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. NPT1015B Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. NPT1015B Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
GaN Wideband Transistor 28 V, 45 W
DC - 3.5 GHz
Rev. V2
NPT1015B
11
11
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
11
AC360B-2 Metal Ceramic Package
Plating is Ni / Au.
All dimensions shown as inches [millimeters].


Similar Part No. - NPT1015B

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1015 MA-COM-NPT1015 Datasheet
2Mb / 10P
   Gallium Nitride 28V, 45W, DC-3.5 GHz HEMT
NPT1015 MA-COM-NPT1015_15 Datasheet
2Mb / 10P
   DC-3.5 GHz HEMT
More results

Similar Description - NPT1015B

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-011086 MA-COM-MAGX-011086_15 Datasheet
1Mb / 10P
   GaN Wideband Transistor 28 V, 4 W
logo
WOLFSPEED, INC.
CGH35060F2 WOLFSPEED-CGH35060F2 Datasheet
1Mb / 11P
   60 W, 3.1 - 3.5 GHz, 28 V, GaN HEMT
Rev. 4.4, 2022-10-28
logo
M/A-COM Technology Solu...
MAGX-011086-V1A MA-COM-MAGX-011086-V1A Datasheet
972Kb / 4P
   GaN Wideband Transistor 28 V
logo
Qorvo, Inc
TGF2933 QORVO-TGF2933 Datasheet
4Mb / 24P
   DC ??25 GHz, 28 V, 7 W GaN RF Transistor
T2G6001528-Q3 QORVO-T2G6001528-Q3_V01 Datasheet
2Mb / 16P
   18 W, 28 V, DC – 6.0 GHz, GaN Power Transistor
December 2021
TGF2934 QORVO-TGF2934 Datasheet
3Mb / 24P
   DC ??25 GHz, 28 V, 14 W GaN RF Transistor
logo
WOLFSPEED, INC.
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
logo
Cree, Inc
CGH27030S CREE-CGH27030S Datasheet
1Mb / 16P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
logo
Qorvo, Inc
T1G4020036-FS QORVO-T1G4020036-FS Datasheet
1Mb / 18P
   DC ??3.5 GHz, 50 V, 2 x 200 W GaN RF Transistor
September, 2021
QPD0030 QORVO-QPD0030 Datasheet
1Mb / 12P
   45 W, 48 V, DC to 5 GHz, GaN RF Power Transistor
October 7, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com