Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DX10LM2-14SE Datasheet(PDF) 1 Page - Hirose Electric

Part # DX10LM2-14SE
Description  D-configuration Connectors for Digital Broadcasting Equipment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DX10LM2-14SE Datasheet(HTML) 1 Page - Hirose Electric

  DX10LM2-14SE Datasheet HTML 1Page - Hirose Electric DX10LM2-14SE Datasheet HTML 2Page - Hirose Electric DX10LM2-14SE Datasheet HTML 3Page - Hirose Electric DX10LM2-14SE Datasheet HTML 4Page - Hirose Electric DX10LM2-14SE Datasheet HTML 5Page - Hirose Electric DX10LM2-14SE Datasheet HTML 6Page - Hirose Electric DX10LM2-14SE Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
D-configuration Connectors for Digital Broadcasting Equipment
DXLM Series
1
2002.11
Features
1. Increased range of the mounting panel thickness
Extension of the mating and locking area by 1.5 mm has
allowed the DXLM Series to be mounted on panels up to
3mm thick.
2. Effective protection against electrostatic discharge
Unique Hirose Electric design makes reliable ground
connection in sequence, with metal shell first, then the
board circuit.
3. Temporary board holding feature
Deflecting force of the side protrusion of the insulator’s
posts against the walls of holes provides superior retention
to the board, preventing leaning forward during handling.
4. Superior stability and retention to the board
Solid metal grounding posts are soldered to the board.
This creates extremely strong retention to the board,
allowing the assembly to retain reliable connections, even
when large forces are applied when miss-mating or pulling.
5. RC-5237, EIAJ Standard
Conforms to the requirements for D-configuration
connector used in connections for digital image broadcast.
DXM Series
DXLM Series
(Panel thickness up to 1.6 mm thick)
Static electricity
To board
Shell
Metal grounding post
Insulator's post
Side protrusion
Applications
TV, STB, DVD, LCD TV and other equipment supporting digital
broadcasts
Effective protection against electrostatic discharge
Accepts panel thickness up to 3 mm
Superior stability and retention to the board


Similar Part No. - DX10LM2-14SE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DX10-100P-CP3 HIROSE-DX10-100P-CP3 Datasheet
1Mb / 9P
   DX SERIES HIGH-DENSITY I/O CONNECTORS
DX10-100P-CR2A HIROSE-DX10-100P-CR2A Datasheet
1Mb / 9P
   DX SERIES HIGH-DENSITY I/O CONNECTORS
DX10-100P-CR3 HIROSE-DX10-100P-CR3 Datasheet
1Mb / 9P
   DX SERIES HIGH-DENSITY I/O CONNECTORS
DX10-100P-LNA HIROSE-DX10-100P-LNA Datasheet
1Mb / 9P
   DX SERIES HIGH-DENSITY I/O CONNECTORS
DX10-100S-CP3 HIROSE-DX10-100S-CP3 Datasheet
1Mb / 9P
   DX SERIES HIGH-DENSITY I/O CONNECTORS
More results

Similar Description - DX10LM2-14SE

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RSF-38.912-15000-9148-TR RALTRON-RSF-38.912-15000-9148-TR Datasheet
73Kb / 1P
   For Digital Audio Broadcasting
logo
Hirose Electric
PL71 HIROSE-PL71_17 Datasheet
470Kb / 4P
   Push-on Lock Coaxial Connectors for Digital Broadcasting
logo
Soshin electric Co., Lt...
BP37.15MHZ-2271 SOSHIN-BP37.15MHZ-2271 Datasheet
90Kb / 1P
   Digital Broadcasting
logo
Oscilent Corporation
815-IF115.24M-A OSCILENT-815-IF115.24M-A Datasheet
138Kb / 2P
   Digital Broadcasting
logo
NIHON DEMPA KOGYO
WF555E0037KB NDK-WF555E0037KB Datasheet
348Kb / 1P
   IF SAW filter for digital terrestrial broadcasting.
logo
Mitsumi Electronics, Co...
DCA-C18 MITSUMI-DCA-C18 Datasheet
98Kb / 2P
   Film Antenna for Digital Terrestrial Broadcasting Reception
logo
Oscilent Corporation
815-IF43.5M-C OSCILENT-815-IF43.5M-C Datasheet
139Kb / 2P
   Digital A/V & Broadcasting
logo
Mitsumi Electronics, Co...
XMA-P1F9 MITSUMI-XMA-P1F9 Datasheet
180Kb / 2P
   Film Antenna for Digital Terrestrial Broadcasting Reception
logo
NIHON DEMPA KOGYO
WF555C0037KB NDK-WF555C0037KB Datasheet
81Kb / 1P
   IF SAW Filter for Digital Terrestrial Broadcasting
logo
Mitsumi Electronics, Co...
TSU37 MITSUMI-TSU37 Datasheet
83Kb / 2P
   2nd RF Units for BS Digital Broadcasting Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com